Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL7 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # AL7
Description  Cascadable Amplifier 50 to 500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AL7 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AL7 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AL7 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AL7 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
Cascadable Amplifier
50 to 500 MHz
Rev. V3
AL7 / SMAL7
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• SYMMETRICAL CLIPPING:
GOOD EVEN-ORDER SUPPRESSION
• HIGH GAIN: 13 dB (TYP.)
• LOW VSWR: < 1.5:1 (TYP.)
• FAST PULSE RECOVERY TIME: < 50 NSEC (TYP.)
Description
The AL7 limiting amplifier is a discrete hybrid design, which
uses thin film manufacturing processes for accurate
performance and high reliability.
This design uses a Schottky diode limiter circuit at the output,
and a single stage bipolar transistor feedback amplifier at the
output. An RF choke is used for DC power supply decoupling
.
Both TO-8 and Surface Mount packages are hermetically
sealed, and MIL-STD-883 environmental screening is available.
Product Image
Ordering Information
Part Number
Package
AL7
TO-8
SMAL7
Surface Mount
CAL7 **
SMA Connectorized
Absolute Maximum Ratings
Parameter
Absolute
Maximum
Storage Temperature
-62ºC to +125ºC
Case Temperature
+125ºC
DC Voltage
+17 V
Continuous Input Power
+13 dBm
Short Term Input power
(1 minute max.)
50 mW
Peak Power (3 µsec max.)
0.5 W
“S” Series Burn-In
Temperature (case)
125ºC
Thermal Data: VCC = +15 VDC
Parameter
Rating
Thermal Resistance θjc
45ºC/W
Transistor Power Dissipation Pd
0.560 W
Junction Temperature Rise
Above Case Tjc
25.2ºC
Electrical Specifications: Z0 = 50Ω, VCC = +15 VDC
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
20-550
50-500
50-500
Small Signal Gain (min)
dB
13.0
12.0
11.0
Gain Flatness (max)
dB
±0.2
±0.5
±0.7
Noise Figure (max)
50-300 MHz
300-500 MHz
dB
dB
5.0
5.5
6.0
6.5
6.5
7.0
Power Output @ 1 dB comp. (min)
dBm
-1.5
-5.0
-7.0
Output Limiting Level (max)
Pin = +10 dBm
dBm
+0.5
+1.5
+2.5
VSWR Input / Output (max)
1.1:1/<1.5:1 1.7:1/ 2.0:1
1.8:1 / 2.1:1
DC Current @ 15 Volts (max)
mA
54
57
59
* Over temperature performance limits for part number CAL7, guaranteed from 0oC to +50oC only.
** The connectorized version is not RoHs compliant.


Similar Part No. - AL7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AL7 MACOM-AL7 Datasheet
422Kb / 2P
Cascadable Amplifier 50 to 500 MHz
logo
M/A-COM Technology Solu...
AL7 MA-COM-AL7 Datasheet
688Kb / 4P
Cascadable Amplifier
logo
Richco, Inc.
AL7 RICHCO-AL7 Datasheet
52Kb / 1P
CABLE CLAMPS, ALUMINUM
01-18-95
logo
M/A-COM Technology Solu...
AL7-SMAL7 MA-COM-AL7-SMAL7 Datasheet
1Mb / 3P
Cascadable Amplifier
AL7-SMAL7 MA-COM-AL7-SMAL7_15 Datasheet
1Mb / 3P
Cascadable Amplifier
More results

Similar Description - AL7

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
A57 MACOM-A57 Datasheet
108Kb / 1P
10 TO 500 MHz CASCADABLE AMPLIFIER
SMA73 MACOM-SMA73 Datasheet
103Kb / 1P
5 TO 500 MHz CASCADABLE AMPLIFIER
A76-1 MACOM-A76-1 Datasheet
109Kb / 1P
5 TO 500 MHZ CASCADABLE AMPLIFIER
A53 MACOM-A53 Datasheet
354Kb / 2P
Cascadable Amplifier 10 to 500 MHz
A57 MACOM-A57_1 Datasheet
382Kb / 2P
Cascadable Amplifier 100 to 500 MHz
A81-2 MACOM-A81-2_1 Datasheet
383Kb / 2P
Cascadable Amplifier 20 to 500 MHz
AL7 MACOM-AL7 Datasheet
422Kb / 2P
Cascadable Amplifier 50 to 500 MHz
SMLA88 MACOM-SMLA88 Datasheet
396Kb / 3P
Cascadable Amplifier 10 to 500 MHz
logo
Teledyne Technologies I...
UTOUTC0571 TELEDYNE-UTOUTC0571 Datasheet
170Kb / 4P
Thin-Film Cascadable Amplifier 50 to 500 MHz
UTOUTC0572 TELEDYNE-UTOUTC0572 Datasheet
168Kb / 4P
Thin-Film Cascadable Amplifier 50 to 500 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com