Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA4SW310 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # MA4SW310
Description  HMIC??Silicon PIN Diode Switches RoHS Compliant
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MA4SW310 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  MA4SW310 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MA4SW310 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
HMIC™ Silicon PIN Diode Switches
RoHS Compliant
Rev. V7
MA4SW110
MA4SW210
MA4SW310
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
♦ Broad Bandwidth
♦ Specified from 50 MHz to 20 GHz
♦ Usable from 50 MHz to 26.5 GHz
♦ Lower Insertion Loss and Higher Isolation than
Comparable pHempt Designs
♦ Rugged Fully Monolithic, Glass Encapsulated
Chip with Polymer Protection Coating
♦ Up to +30dBm C.W. Power Handling @ +25°C
Description
The MA4SW110, MA4SW210 and MA4SW310 are
broadband monolithic switches using series and
shunt connected silicon PIN diodes. They are
designed
for
use
as
moderate
signal,
high
performance switches in applications up to 26.5GHz.
They provide performance levels superior to those
realized by hybrid MIC designs incorporating beam
lead and PIN chip diodes that require chip and wire
assembly.
These switches are fabricated using M/A-COM’s
patented HMIC
TM (Heterolithic Microwave Integrated
Circuit) process, US Patent 5,268,310. This process
allows the incorporation of silicon pedestals that
form series and shunt diodes or vias by imbedding
them in low loss, low dispersion glass. By using
small spacing between elements, this combination of
silicon and glass gives HMIC devices low loss and
high isolation performance through low millimeter
frequencies.
Large bond pads facilitate the use of low inductance
ribbon leads, while gold backside metallization
allows for manual or automatic chip bonding via
80/20 , AuSn solder or conductive Ag epoxy.
Absolute Maximum Ratings @ TA +25°C
Parameter
Absolute Maximum
Operating Temperature
-65
oC to +125oC
Storage Temperature
-65
oC to +150oC
Junction Temperature
+175
oC
Applied Reverse Voltage
- 50V
RF C.W. Incident Power
+30dBm C.W.
Bias Current +25°C
± 20mA
MA4SW110
Max. operating conditions for a combination of
RF power, D.C. bias and temperature:
+30dBm CW @ 15mA (per diode) @+85°C
MA4SW210
MA4SW310


Similar Part No. - MA4SW310

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4SW310 MACOM-MA4SW310 Datasheet
208Kb / 8P
Monolithic PIN Diode Switches
MA4SW310 MACOM-MA4SW310 Datasheet
450Kb / 8P
Broadband Monolithic Silicon PIN Diode Switches
logo
M/A-COM Technology Solu...
MA4SW310 MA-COM-MA4SW310 Datasheet
906Kb / 9P
HMIC Silicon PIN Diode Switches
logo
Tyco Electronics
MA4SW310B-1 MACOM-MA4SW310B-1 Datasheet
879Kb / 9P
Monolithic Pin Diode Switches with Integrated Bias Network
logo
M/A-COM Technology Solu...
MA4SW310B-1 MA-COM-MA4SW310B-1 Datasheet
153Kb / 7P
HMIC??Silicon PIN Diode Switches with Integrated Bias Network
More results

Similar Description - MA4SW310

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASW-001100-1190 MA-COM-MASW-001100-1190 Datasheet
343Kb / 9P
HMIC??Silicon PIN Diode Switches RoHs Compliant
MA4SW410 MA-COM-MA4SW410 Datasheet
125Kb / 7P
HMIC??Silicon SP4T PIN Diode Switch RoHS Compliant
MA4SW510 MA-COM-MA4SW510 Datasheet
489Kb / 7P
HMIC??Silicon SP5T PIN Diode Switch RoHS Compliant
MASW-001100-1190 MA-COM-MASW-001100-1190_2 Datasheet
343Kb / 9P
HMIC Silicon PIN Diode Switches
MA4SW110-210-310 MA-COM-MA4SW110-210-310 Datasheet
817Kb / 9P
HMIC??Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B Datasheet
151Kb / 7P
HMIC??Silicon PIN Diode Switches
MASW-001100 MA-COM-MASW-001100_15 Datasheet
343Kb / 9P
HMIC Silicon PIN Diode Switches
MA4SW210B-310B MA-COM-MA4SW210B-310B_15 Datasheet
151Kb / 7P
HMIC Silicon PIN Diode Switches
MA4SW110 MA-COM-MA4SW110_15 Datasheet
906Kb / 9P
HMIC Silicon PIN Diode Switches
MASW-00X100 MA-COM-MASW-00X100 Datasheet
946Kb / 8P
HMIC Silicon PIN Diode Switches
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com