Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BDx Datasheet(PDF) 101 Page - STMicroelectronics

Part # ST7263BDx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BDx Datasheet(HTML) 101 Page - STMicroelectronics

Back Button ST7263BDx Datasheet HTML 97Page - STMicroelectronics ST7263BDx Datasheet HTML 98Page - STMicroelectronics ST7263BDx Datasheet HTML 99Page - STMicroelectronics ST7263BDx Datasheet HTML 100Page - STMicroelectronics ST7263BDx Datasheet HTML 101Page - STMicroelectronics ST7263BDx Datasheet HTML 102Page - STMicroelectronics ST7263BDx Datasheet HTML 103Page - STMicroelectronics ST7263BDx Datasheet HTML 104Page - STMicroelectronics ST7263BDx Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 186 page
background image
ST7263Bxx
On-chip peripherals
Doc ID 7516 Rev 8
101/186
Interrupt Status register (ISTR)
Reset value: 0000 0000 (00h)
When an interrupt occurs these bits are set by hardware. Software must read them to
determine the interrupt type and clear them after servicing.
Note:
These bits cannot be set by software.
7
0
SUSP
DOVR
CTR
ERR
IOVR
ESUSP
RESET
SOF
Read.write
7 SUSP Suspend mode request.
This bit is set by hardware when a constant idle state is present on the bus line for
more than 3 ms, indicating a suspend mode request from the USB bus. The
suspend request check is active immediately after each USB reset event and its
disabled by hardware when suspend mode is forced (FSUSP bit of CTLR register)
until the end of resume sequence.
6 DOVR DMA over/underrun.
This bit is set by hardware if the ST7 processor can’t answer a DMA request in
time.
0: No over/underrun detected
1: Over/underrun detected
5 CTR Correct Transfer. This bit is set by hardware when a correct transfer operation
is performed. The type of transfer can be determined by looking at bits TP3-TP2 in
register PIDR. The Endpoint on which the transfer was made is identified by bits
EP1-EP0 in register IDR.
0: No Correct Transfer detected
1: Correct Transfer detected
Note: A transfer where the device sent a NAK or STALL handshake is considered
not correct (the host only sends ACK handshakes). A transfer is considered
correct if there are no errors in the PID and CRC fields, if the DATA0/DATA1
PID is sent as expected, if there were no data overruns, bit stuffing or
framing errors.
4 ERR Error.
This bit is set by hardware whenever one of the errors listed below has occurred:
0: No error detected
1: Timeout, CRC, bit stuffing or nonstandard
framing error detected
3 IOVR Interrupt overrun.
This bit is set when hardware tries to set ERR, or SOF before they have been
cleared by software.
0: No overrun detected
1: Overrun detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com