Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BDx Datasheet(PDF) 44 Page - STMicroelectronics

Part # ST7263BDx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BDx Datasheet(HTML) 44 Page - STMicroelectronics

Back Button ST7263BDx Datasheet HTML 40Page - STMicroelectronics ST7263BDx Datasheet HTML 41Page - STMicroelectronics ST7263BDx Datasheet HTML 42Page - STMicroelectronics ST7263BDx Datasheet HTML 43Page - STMicroelectronics ST7263BDx Datasheet HTML 44Page - STMicroelectronics ST7263BDx Datasheet HTML 45Page - STMicroelectronics ST7263BDx Datasheet HTML 46Page - STMicroelectronics ST7263BDx Datasheet HTML 47Page - STMicroelectronics ST7263BDx Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 186 page
background image
I/O ports
ST7263Bxx
44/186
Doc ID 7516 Rev 8
Output mode
The pin is configured in output mode by setting the corresponding DDR register bit (see
Table 7).
In this mode, writing “0” or “1” to the DR register applies this digital value to the I/O pin
through the latch. Therefore, the previously saved value is restored when the DR register is
read.
Note:
The interrupt function is disabled in this mode.
Digital alternate function
When an on-chip peripheral is configured to use a pin, the alternate function is automatically
selected. This alternate function takes priority over standard I/O programming. When the
signal is coming from an on-chip peripheral, the I/O pin is automatically configured in output
mode (push-pull or open drain according to the peripheral).
When the signal is going to an on-chip peripheral, the I/O pin has to be configured in input
mode. In this case, the pin’s state is also digitally readable by addressing the DR register.
Note:
1
Input pull-up configuration can cause an unexpected value at the input of the alternate
peripheral input.
2
When the on-chip peripheral uses a pin as input and output, this pin must be configured as
an input (DDR = 0).
Caution:
The alternate function must not be activated as long as the pin is configured as an input with
interrupt in order to avoid generating spurious interrupts.
Analog alternate function
When the pin is used as an ADC input the I/O must be configured as a floating input. The
analog multiplexer (controlled by the ADC registers) switches the analog voltage present on
the selected pin to the common analog rail which is connected to the ADC input.
It is recommended not to change the voltage level or loading on any port pin while
conversion is in progress. Furthermore it is recommended not to have clocking pins located
close to a selected analog pin.
Warning:
The analog input voltage level must be within the limits
stated in the absolute maximum ratings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com