Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BDx Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST7263BDx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BDx Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST7263BDx Datasheet HTML 35Page - STMicroelectronics ST7263BDx Datasheet HTML 36Page - STMicroelectronics ST7263BDx Datasheet HTML 37Page - STMicroelectronics ST7263BDx Datasheet HTML 38Page - STMicroelectronics ST7263BDx Datasheet HTML 39Page - STMicroelectronics ST7263BDx Datasheet HTML 40Page - STMicroelectronics ST7263BDx Datasheet HTML 41Page - STMicroelectronics ST7263BDx Datasheet HTML 42Page - STMicroelectronics ST7263BDx Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 186 page
background image
ST7263Bxx
Interrupts
Doc ID 7516 Rev 8
39/186
7.1
Interrupt register (ITRFRE)
Address: 0008h
Reset value: 0000 0000 (00h)
Table 9.
Interrupt mapping
Source block
Description
Register
label
Priority
order
Exit
from
Halt
Vector
address
RESET
Reset
N/A
Highest
Priority
Lowest
Priority
yes
FFFEh-FFFFh
TRAP
Software interrupt
no
FFFCh-FFFDh
FLASH
Flash Start Programming interrupt
yes
FFFAh-FFFBh
USB
End Suspend mode
ISTR
yes
FFF8h-FFF9h
1
ITi
External interrupts
ITRFRE
FFF6h-FFF7h
2
TIMER
Timer Peripheral interrupts
TIMSR
no
FFF4h-FFF5h
3
I²C
I²C Peripheral interrupts
I²CSR1
FFF2h-FFF3h
I²CSR2
4
SCI
SCI Peripheral interrupts
SCISR
FFF0h-FFF1h
5
USB
USB Peripheral interrupts
ISTR
FFEEh-FFEFh
7
0
IT8E
IT7E
IT6E
IT5E
IT4E
IT3E
IT2E
IT1E
Read/write
[7:0] TiE (i=1 to 8). Interrupt Enable Control Bits.
If an ITiE bit is set, the corresponding interrupt is generated when
A rising edge occurs on the pin PA4/IT1 or PA5/IT2 or PB4/IT5 or PB5/IT6
Or a falling edge occurs on the pin PA6/IT3 or PA7/IT4 or PB6/IT7 or PB7/IT8
No interrupt is generated elsewhere.
Note: Analog input must be disabled for interrupts coming from port B.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com