Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BDx Datasheet(PDF) 97 Page - STMicroelectronics

Part # ST7263BDx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BDx Datasheet(HTML) 97 Page - STMicroelectronics

Back Button ST7263BDx Datasheet HTML 93Page - STMicroelectronics ST7263BDx Datasheet HTML 94Page - STMicroelectronics ST7263BDx Datasheet HTML 95Page - STMicroelectronics ST7263BDx Datasheet HTML 96Page - STMicroelectronics ST7263BDx Datasheet HTML 97Page - STMicroelectronics ST7263BDx Datasheet HTML 98Page - STMicroelectronics ST7263BDx Datasheet HTML 99Page - STMicroelectronics ST7263BDx Datasheet HTML 100Page - STMicroelectronics ST7263BDx Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 186 page
background image
ST7263Bxx
On-chip peripherals
Doc ID 7516 Rev 8
97/186
11.4
USB interface (USB)
11.4.1
Introduction
The USB Interface implements a low-speed function interface between the USB and the
ST7 microcontroller. It is a highly integrated circuit which includes the transceiver, 3.3
voltage regulator, SIE and DMA. No external components are needed apart from the
external pull-up on USBDM for low speed recognition by the USB host. The use of DMA
architecture allows the endpoint definition to be completely flexible. Endpoints can be
configured by software as in or out.
11.4.2
Main features
●
USB Specification Version 1.1 Compliant
●
Supports Low-Speed USB Protocol
●
Two or Three Endpoints (including default one) depending on the device (see device
feature list and register map)
●
CRC generation/checking, NRZI encoding/decoding and bit-stuffing
●
USB Suspend/Resume operations
●
DMA Data transfers
●
On-Chip 3.3 V Regulator
●
On-Chip USB Transceiver
11.4.3
Functional description
The block diagram in Figure 44, gives an overview of the USB interface hardware.
For general information on the USB, refer to the “Universal Serial Bus Specifications”
document available at http//:www.usb.org.
Serial interface engine
The SIE (Serial Interface Engine) interfaces with the USB, via the transceiver.
The SIE processes tokens, handles data transmission/reception, and handshaking as
required by the USB standard. It also performs frame formatting, including CRC generation
and checking.
Endpoints
The Endpoint registers indicate if the microcontroller is ready to transmit/receive, and how
many bytes need to be transmitted.
DMA
When a token for a valid Endpoint is recognized by the USB interface, the related data
transfer takes place, using DMA. At the end of the transaction, an interrupt is generated.
Interrupts
By reading the Interrupt Status register, application software can know which USB event has
occurred.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com