Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BDx Datasheet(PDF) 122 Page - STMicroelectronics

Part # ST7263BDx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BDx Datasheet(HTML) 122 Page - STMicroelectronics

Back Button ST7263BDx Datasheet HTML 118Page - STMicroelectronics ST7263BDx Datasheet HTML 119Page - STMicroelectronics ST7263BDx Datasheet HTML 120Page - STMicroelectronics ST7263BDx Datasheet HTML 121Page - STMicroelectronics ST7263BDx Datasheet HTML 122Page - STMicroelectronics ST7263BDx Datasheet HTML 123Page - STMicroelectronics ST7263BDx Datasheet HTML 124Page - STMicroelectronics ST7263BDx Datasheet HTML 125Page - STMicroelectronics ST7263BDx Datasheet HTML 126Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 186 page
background image
On-chip peripherals
ST7263Bxx
122/186
Doc ID 7516 Rev 8
I²C Clock Control register (CCR)
Reset value: 0000 0000 (00h)
2 ARLO Arbitration lost.
This bit is set by hardware when the interface loses the arbitration of the bus to
another master. An interrupt is generated if ITE=1. It is cleared by software reading
SR2 register or by hardware when the interface is disabled (PE=0).
After an ARLO event the interface switches back automatically to Slave mode
(M/SL=0).
The SCL line is not held low while ARLO=1.
0: No arbitration lost detected
1: Arbitration lost detected
Note: In a Multimaster environment, when the interface is configured in Master
Receive mode it does not perform arbitration during the reception of the
Acknowledge Bit. Mishandling of the ARLO bit from the I2CSR2 register
may occur when a second master simultaneously requests the same data
from the same slave and the I2C master does not acknowledge the data.
The ARLO bit is then left at 0 instead of being set.
1 BERR Bus error.
This bit is set by hardware when the interface detects a misplaced Start or Stop
condition. An interrupt is generated if ITE=1. It is cleared by software reading SR2
register or by hardware when the interface is disabled (PE=0).
The SCL line is not held low while BERR=1.
0: No misplaced Start or Stop condition
1: Misplaced Start or Stop condition
Note: If a Bus Error occurs, a Stop or a repeated Start condition should be
generated by the Master to re-synchronize communication, get the
transmission acknowledged and the bus released for further communication
0 GCAL General Call (Slave mode).
This bit is set by hardware when a general call address is detected on the bus while
ENGC=1. It is cleared by hardware detecting a Stop condition (STOPF=1) or when
the interface is disabled (PE=0).
0: No general call address detected on bus
1: general call address detected on bus
7
0
FM/SM
CC6
CC5
CC4
CC3
CC2
CC1
CC0
Read/write
7 FM/SM Fast/Standard I²C mode.
This bit is set and cleared by software. It is not cleared when the interface is
disabled (PE=0).
0: Standard I²C mode
1: Fast I²C mode
[6:0] CC[6:0] 7-bit clock divider.
These bits select the speed of the bus (FSCL) depending on the I²C mode. They are
not cleared when the interface is disabled (PE=0).
Refer to the Electrical Characteristics section for the table of value.
Note: The programmed FSCL assumes no load on SCL and SDA lines.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com