Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BDx Datasheet(PDF) 128 Page - STMicroelectronics

Part # ST7263BDx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BDx Datasheet(HTML) 128 Page - STMicroelectronics

Back Button ST7263BDx Datasheet HTML 124Page - STMicroelectronics ST7263BDx Datasheet HTML 125Page - STMicroelectronics ST7263BDx Datasheet HTML 126Page - STMicroelectronics ST7263BDx Datasheet HTML 127Page - STMicroelectronics ST7263BDx Datasheet HTML 128Page - STMicroelectronics ST7263BDx Datasheet HTML 129Page - STMicroelectronics ST7263BDx Datasheet HTML 130Page - STMicroelectronics ST7263BDx Datasheet HTML 131Page - STMicroelectronics ST7263BDx Datasheet HTML 132Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 186 page
background image
On-chip peripherals
ST7263Bxx
128/186
Doc ID 7516 Rev 8
11.6.5
Interrupts
None
11.6.6
Register description
Control/Status register (CSR)
Reset value: 0000 0000 (00h)
7
0
COCO
0
ADON
0
CH3
CH2
CH1
CH0
Read/write
7 COCO Conversion Complete
This bit is set by hardware. It is cleared by software reading the result in the DR
register or writing to the CSR register.
0: Conversion is not complete
1: Conversion can be read from the DR register
6 Reserved. must always be cleared.
5 ADON A/D Converter On
This bit is set and cleared by software.
0: A/D converter is switched off
1: A/D converter is switched on
4 Reserved. must always be cleared.
[3:0] CH[3:0] Channel Selection
These bits are set and cleared by software. They select the analog input to convert
(see Table 45).
Table 45.
Channel selection
Channel pin(1)
1.
The number of pins AND the channel selection varies according to the device. Refer to the device pinout.
CH3(2)
CH2
CH1
CH0
AIN0
0
0
0
0
AIN1
0
0
0
1
AIN2
0
0
1
0
AIN3
0
0
1
1
AIN4
0
1
0
0
AIN5
0
1
0
1
AIN6
0
1
1
0
AIN7
0
1
1
1
AIN8
1
0
0
0
AIN9
1
0
0
1
AIN10
1
0
1
0
AIN11
1
0
1
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com