Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BDx Datasheet(PDF) 149 Page - STMicroelectronics

Part # ST7263BDx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BDx Datasheet(HTML) 149 Page - STMicroelectronics

Back Button ST7263BDx Datasheet HTML 145Page - STMicroelectronics ST7263BDx Datasheet HTML 146Page - STMicroelectronics ST7263BDx Datasheet HTML 147Page - STMicroelectronics ST7263BDx Datasheet HTML 148Page - STMicroelectronics ST7263BDx Datasheet HTML 149Page - STMicroelectronics ST7263BDx Datasheet HTML 150Page - STMicroelectronics ST7263BDx Datasheet HTML 151Page - STMicroelectronics ST7263BDx Datasheet HTML 152Page - STMicroelectronics ST7263BDx Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 186 page
background image
ST7263Bxx
Electrical characteristics
Doc ID 7516 Rev 8
149/186
13.8
I/O port pin characteristics
Subject to general operating conditions for VDD, fCPU, and TA unless otherwise specified.
Figure 60.
Two typical applications with unused I/O pin
Table 69.
Electrical sensitivities
Symbol
Parameter
Conditions
Class(1)
1.
Class description: A Class is an STMicroelectronics internal specification. All its limits are higher than the
JEDEC specifications, that means when a device belongs to Class A it exceeds the JEDEC standard. B
Class strictly covers all the JEDEC criteria (international standard).
LU
Static latchup class
TA=+25 °C
A
Table 70.
General characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Input low level voltage
-
-
0.3xVDD
V
VIH
Input high level voltage
0.7xVDD
--
VIN
Input voltage
True open drain I/O pins
VSS
-6.0
V
Other I/O pins
-
VDD
Vhys
Schmitt trigger voltage hysteresis
-
400
-
mV
IL
Input leakage current
VSS≤VIN≤VDD
--
±1
µA
IS
Static current consumption induced
by each floating input pin(1)
Floating input mode
-
400
-
RPU
Weak pull-up equivalent resistor(2)
VIN=VSS
VDD=5 V
50
90
120
k
Ω
CIO
I/O pin capacitance
-
5
-
pF
tf(IO)out
Output high to low level fall time
CL=50pF
Between 10% and 90%
-25
-
ns
tr(IO)out
Output low to high level rise time
-
25
-
tw(IT)in
External interrupt pulse time(3)
1-
-
tCPU
1.
Configuration not recommended, all unused pins must be kept at a fixed voltage: using the output mode of the I/O for
example or an external pull-up or pull-down resistor (see Figure 60). Static peak current value taken at a fixed VIN value,
based on design simulation and technology characteristics, not tested in production. This value depends on VDD and
temperature values.
2.
The RPU pull-up equivalent resistor is based on a resistive transistor (corresponding IPU current characteristics described in
Figure 61).
3.
To generate an external interrupt, a minimum pulse width has to be applied on an I/O port pin configured as an external
interrupt source.
10k
Ω
UNUSED I/O PORT
ST72XXX
10k
Ω
UNUSED I/O PORT
ST72XXX
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com