Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BDx Datasheet(PDF) 157 Page - STMicroelectronics

Part # ST7263BDx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BDx Datasheet(HTML) 157 Page - STMicroelectronics

Back Button ST7263BDx Datasheet HTML 153Page - STMicroelectronics ST7263BDx Datasheet HTML 154Page - STMicroelectronics ST7263BDx Datasheet HTML 155Page - STMicroelectronics ST7263BDx Datasheet HTML 156Page - STMicroelectronics ST7263BDx Datasheet HTML 157Page - STMicroelectronics ST7263BDx Datasheet HTML 158Page - STMicroelectronics ST7263BDx Datasheet HTML 159Page - STMicroelectronics ST7263BDx Datasheet HTML 160Page - STMicroelectronics ST7263BDx Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 186 page
background image
ST7263Bxx
Electrical characteristics
Doc ID 7516 Rev 8
157/186
Figure 73 and Figure 74 show the reset circuit which protects the device against parasitic
resets:
●
The output of the external reset circuit must have an open-drain output to drive the ST7
reset pad. Otherwise the device can be damaged when the ST7 generates an internal
reset (LVD or watchdog).
●
Whatever the reset source is (internal or external), the user must ensure that the level
on the RESET pin can go below the VIL max. level specified in Section Table 72.:
Asynchronous RESET pin. Otherwise the reset will not be taken into account internally.
●
Because the reset circuit is designed to allow the internal reset to be output in the
RESET pin, the user must ensure that the current sunk on the RESET pin is less than
the absolute maximum value specified for IINJ(RESET) in Section Table 56.: Current
characteristics.
When the LVD is enabled:
●
It is recommended not to connect a pull-up resistor or capacitor. A 10 nF pull-down
capacitor is required to filter noise on the reset line.
●
In case a capacitive power supply is used, it is recommended to connect a 1 M
Ω pull-
down resistor to the RESET pin to discharge any residual voltage induced by the
capacitive effect of the power supply (this will add 5 µA to the power consumption of the
MCU).
●
Tips when using the LVD:
a)
Check that all recommendations related to ICCCLK and reset circuit have been
applied (see notes above).
b)
Check that the power supply is properly decoupled (100 nF + 10 µF close to the
MCU). Refer to AN1709 and AN2017. If this cannot be done, it is recommended to
put a 100 nF + 1 M
Ω pull-down on the RESET pin.
c)
The capacitors connected on the RESET pin and also the power supply are key to
avoid any start-up marginality. In most cases, steps a) and b) above are sufficient
for a robust solution. Otherwise: replace 10 nF pull-down on the RESET pin with a
5 µF to 20 µF capacitor.
Figure 73.
RESET pin protection when LVD is enabled
0.01
μF
ST72XXX
PULSE
GENERATOR
Filter
RON
VDD
WATCHDOG
LVD RESET
INTERNAL
RESET
RESET
EXTERNAL
Required
1M
Ω
Optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com