Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7263BDx Datasheet(PDF) 181 Page - STMicroelectronics

Part # ST7263BDx
Description  Low speed USB 8-bit MCU family with up to 32 KB Flash/ROM, DFU capability, 8-bit ADC, WDG, timer, SCI and I²C
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7263BDx Datasheet(HTML) 181 Page - STMicroelectronics

Back Button ST7263BDx Datasheet HTML 177Page - STMicroelectronics ST7263BDx Datasheet HTML 178Page - STMicroelectronics ST7263BDx Datasheet HTML 179Page - STMicroelectronics ST7263BDx Datasheet HTML 180Page - STMicroelectronics ST7263BDx Datasheet HTML 181Page - STMicroelectronics ST7263BDx Datasheet HTML 182Page - STMicroelectronics ST7263BDx Datasheet HTML 183Page - STMicroelectronics ST7263BDx Datasheet HTML 184Page - STMicroelectronics ST7263BDx Datasheet HTML 185Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 186 page
background image
ST7263Bxx
Known limitations
Doc ID 7516 Rev 8
181/186
16
Known limitations
16.1
PA2 limitation with OCMP1 enabled
Description
This limitation affects only Rev B Flash devices (with Internal Sales Type 72F63Bxxxxx$x7);
it has been corrected in Rev W Flash devices (with Internal Sales Type 72F63Bxxxxx$x9).
Note:
Refer to Figure 85 on page 183
When output Compare 1 function (OCMP1) on pin PA6 is enabled by setting the OC1E bit in
the TCR2 register, pin PA2 is also affected.
In particular, PA2 is switched to its alternate function mode, SCL. As a consequence, the
PA2 pin is forced to be floating (steady level of I2C clock) even if port configuration
(PADDR+PADR) has set it as output low. However, it can be still used as an input or can be
controlled by the I2C cell when enabled (where I2C is available).
16.2
Unexpected RESET fetch
Description
If an interrupt request occurs while a "POP CC" instruction is executed, the interrupt
controller does not recognise the source of the interrupt and, by default, passes the RESET
vector address to the CPU.
Workaround
To solve this issue, a "POP CC" instruction must always be preceded by a "SIM" instruction.
16.3
USB behavior with LVD disabled
Description
If the LVD is disabled on 4K and 8K ROM devices (ST7263BK1M1, ST72BK2M1,
ST7263BKB1, ST7263BK2B1 only), the USB is disabled by hardware. The LVD is
consequently forced by ST to ‘0’ (LVD enabled). Refer to the ST7263Bx option list for details.
16.4
I2C multimaster
Description
In multimaster configurations, if the ST7 I2C receives a START condition from another I2C
master after the START bit is set in the I2CCR register and before the START condition is
generated by the ST7 I2C, it may ignore the START condition from the other I2C master. In
this case, the ST7 master will receive a NACK from the other device. On reception of the
NACK, ST7 can send a re-start and Slave address to re-initiate communication



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com