Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C6 Datasheet(PDF) 58 Page - STMicroelectronics

Part # STM8L151C6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6 Datasheet(HTML) 58 Page - STMicroelectronics

Back Button STM8L151C6 Datasheet HTML 54Page - STMicroelectronics STM8L151C6 Datasheet HTML 55Page - STMicroelectronics STM8L151C6 Datasheet HTML 56Page - STMicroelectronics STM8L151C6 Datasheet HTML 57Page - STMicroelectronics STM8L151C6 Datasheet HTML 58Page - STMicroelectronics STM8L151C6 Datasheet HTML 59Page - STMicroelectronics STM8L151C6 Datasheet HTML 60Page - STMicroelectronics STM8L151C6 Datasheet HTML 61Page - STMicroelectronics STM8L151C6 Datasheet HTML 62Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 101 page
background image
Electrical parameters
STM8L151xx, STM8L152xx
58/101
Doc ID 15962 Rev 2
8.3
Operating conditions
Subject to general operating conditions for VDD and TA.
8.3.1
General operating conditions
Table 15.
General operating conditions
Symbol
Parameter
Conditions
Min
Max
Unit
fSYSCLK
(1)
System clock
frequency
1.65 V
≤VDD < 3.6 V
0
16
MHz
VDD
Standard operating
voltage
1.65(2)
3.6
V
VDDA
Analog operating
voltage
ADC not used
Must be at the same
potential as VDD
1.65(2)
3.6
V
ADC used
1.8
3.6
V
PD
(3)
Power dissipation at
TA= 85 °C for suffix 6
devices
VFQFPN48 (4)
TBD
mW
LQFP48
TBD
WFQFPN32 (5)
TBD
LQFP32
TBD
WFQFPN28 (6)
TBD
Power dissipation at
TA= 125 °C for suffix 3
devices
VFQFPN48(4)
TBD
LQFP48
TBD
WFQFPN32(5)
TBD
LQFP32
TBD
WFQFPN28(6)
TBD
TA
Temperature range
1.65 V
≤VDD < 3.6 V
(6 suffix version)
-40
85
°C
1.65 V
≤VDD < 3.6 V
(3 suffix version)
-40
125
TJ
Junction temperature
range
-40 °C
≤TA < 85 °C
(6 suffix version)
-40
105
°C
-40 °C
≤ TA < 125 °C
(3 suffix version)
-40
130
1.
fSYSCLK = fCPU
2.
1.8 V at power-up, 1.65 V at power-down if BOR is disabled.
3.
To calculate PDmax(TA), use the formula PDmax=(TJmax -TA)/
Θ
JA with TJmax in this table and
Θ
JA in “Thermal characteristics”
table.
4.
VFQFPN48 package is used in the sampling phase. In the production phase, the UFQFPN48 package will be used (with a
thickness equal to 0.6 mm).
5.
WFQFPN32 package is used in the sampling phase. In the production phase, the UFQFPN32 package will be used (with a
thickness equal to 0.6 mm).
6.
WFQFPN28 package is used in the sampling phase. In the production phase, the UFQFPN28 package will be used (with a
thickness equal to 0.6 mm).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com