Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C6 Datasheet(PDF) 67 Page - STMicroelectronics

Part # STM8L151C6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6 Datasheet(HTML) 67 Page - STMicroelectronics

Back Button STM8L151C6 Datasheet HTML 63Page - STMicroelectronics STM8L151C6 Datasheet HTML 64Page - STMicroelectronics STM8L151C6 Datasheet HTML 65Page - STMicroelectronics STM8L151C6 Datasheet HTML 66Page - STMicroelectronics STM8L151C6 Datasheet HTML 67Page - STMicroelectronics STM8L151C6 Datasheet HTML 68Page - STMicroelectronics STM8L151C6 Datasheet HTML 69Page - STMicroelectronics STM8L151C6 Datasheet HTML 70Page - STMicroelectronics STM8L151C6 Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 101 page
background image
STM8L151xx, STM8L152xx
Electrical parameters
Doc ID 15962 Rev 2
67/101
tWU_HSI(AH)
(5)(6)
Wakeup time from
Active-halt mode to
Run mode (using HSI)
5TBD
μs
tWU_LSI(AH)
(5)(6)
Wakeup time from
Active-halt mode to
Run mode (using LSI)
TBD TBD
μs
1.
No floating I/O, unless otherwise specified.
2.
Based on characterization results, unless otherwise specified.
3.
LCD enabled with external VLCD, static duty, division ratio = 256, all pixels active, no LCD connected.
4.
LCD enabled with external VLCD, 1/4 duty, 1/3 bias, division ratio = 64, all pixels active, no LCD connected.
5.
Wakeup time until start of interrupt vector fetch.
The first word of interrupt routine is fetched 4 CPU cycles after tWU.
6.
ULP=0 or ULP=1 and FWU=1 in the PWR_CSR2 register.
Table 21.
Total current consumption and timing in Active-halt mode
at VDD = 1.65 V to 3.6 V
(1)(2) (continued)
Symbol
Parameter
Conditions
Typ
Max
Unit
Table 22.
Total current consumption and timing in Halt mode at VDD = 2 V
(1)(2)
Symbol
Parameter
Condition
Typ
Max
Unit
IDD(Halt)
Supply current in Halt mode
(Ultra low power ULP bit =1 in
the PWR_CSR2 register)
TA = -40 °C to 25 °C
400
TBD
nA
TA = 55 °C
TBD
TBD(3)
TA = 85 °C
TBD
TBD
TA = 105 °C
TBD
TBD(3)
IDD(WUHalt)
Supply current during wakeup
time from Halt mode (using
HSI)
TBD
mA
tWU_HSI(Halt)
(4)(5)
Wakeup time from Halt to Run
mode (using HSI)
5TBD
µs
tWU_LSI(Halt)
(4)(5)
Wakeup time from Halt mode
to Run mode (using LSI)
TBD
TBD
µs
1.
TA = -40 to 125 °C, no floating I/O, unless otherwise specified
2.
Based on characterization results, unless otherwise specified
3.
Tested in production
4.
ULP=0 or ULP=1 and FWU=1 in the PWR_CSR2 register
5.
Wakeup time until start of interrupt vector fetch.
The first word of interrupt routine is fetched 4 CPU cycles after tWU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com