Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8L151C6 Datasheet(PDF) 64 Page - STMicroelectronics

Part # STM8L151C6
Description  8-bit ultralow power MCU, up to 32 KB Flash, 1 KB Data EEPROM RTC, LCD, timers, USART, I2C, SPI, ADC, DAC, comparators
PDF  101 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8L151C6 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button STM8L151C6 Datasheet HTML 60Page - STMicroelectronics STM8L151C6 Datasheet HTML 61Page - STMicroelectronics STM8L151C6 Datasheet HTML 62Page - STMicroelectronics STM8L151C6 Datasheet HTML 63Page - STMicroelectronics STM8L151C6 Datasheet HTML 64Page - STMicroelectronics STM8L151C6 Datasheet HTML 65Page - STMicroelectronics STM8L151C6 Datasheet HTML 66Page - STMicroelectronics STM8L151C6 Datasheet HTML 67Page - STMicroelectronics STM8L151C6 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 101 page
background image
Electrical parameters
STM8L151xx, STM8L152xx
64/101
Doc ID 15962 Rev 2
Table 19.
Total current consumption and timing in Low power run mode at VDD = 1.65 V to
3.6 V (1)(2)
Symbol
Parameter
Conditions
Typ
Max
Unit
IDD(LPR)
Supply current in Low
power run mode
LSI RC osc.
(at 38 kHz)
all peripherals OFF
TA = -40 °C
to 25 °C
5.4
μA
TA = 55 °C
TBD
TA = 85 °C
6.8
TA = 105 °C
9.2
TA = 125 °C
13.4
with TIM2 active(3)
TA = -40 °C
to 25 °C
5.7
TA = 55 °C
TBD
TA = 85 °C
7.2
TA = 105 °C
9.4
TA = 125 °C
13.8
LSE external
clock
(32.768 kHz)
all peripherals OFF
TA = -40 °C
to 25 °C
TBD
TBD
TA = 55 °C
TBD
TBD
TA = 85 °C
TBD
TBD
TA = 105 °C
TBD
TBD
TA = 125 °C
TBD
TBD
with TIM2 active (3)
TA = -40 °C
to 25 °C
TBD
TBD
TA = 55 °C
TBD
TBD
TA = 85 °C
TBD
TBD
TA = 105 °C
TBD
TBD
TA = 125 °C
TBD
TBD
1.
No floating I/Os
2.
Based on characterization results, unless otherwise specified
3.
Timer 2 clock enabled and counter running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com