Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SW-437 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # SW-437
Description  GaAs SPDT Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

SW-437 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  SW-437 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. SW-437 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. SW-437 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
GaAs SPDT Switch
DC - 3.0 GHz
Rev. V5
SW-437
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
1
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Features
• Low Cost Plastic SOT-363 Package
• Low Insertion Loss <0.3 dB @900 MHz
• Low Power Consumption <15µA @ +2.7V
• Positive or Negative 2.5 to 8 V Control
Description
M/A-COM’s SW-437 is a GaAs monolithic switch in a
low cost SOT-363 surface mount plastic package.
The SW-437 is ideally suited for applications where
very low power consumption, low insertion loss, very
small size and low cost are required. Typical appli-
cation is in dual band systems where switching be-
tween small signal components is required such as
filter banks, single band LNA’s, converters etc. The
SW-437 can be used in applications up to 0.25
Watts in systems such as cellular, PCS, DCS1800,
GSM, CDMA, W-CDMA and other analog/digital
wireless communications systems.
The SW-437 is fabricated using a mature 0.5
micron GaAs PHEMT process.
The process
features full passivation for increased performance
and reliability.
Functional Schematic
Negative Control Voltage
Pin Configuration
Pin No.
Function
Description
1
RF1
RF in/out
2
GND
RF Ground
3
RF2
RF in/out
4
V2
V Control 2
5
RFC
RF COMMON
6
V1
V Control 1
Ordering Information
1
1. Reference Application Note M513 for reel size information.
Part Number
Package
SW-437 PIN
Bulk Packaging
SW-437TR-3000
3000 piece reel
SW-437SMB
Sample Test Board
Parameter
Absolute Maximum
Input (0.5-3.0 GHz)
3 V Control
5 V Control
+30 dBm
+33 dBm
Operating Voltage
+8.5 Volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings
2
2. Exceeding any one or combination of these limits may cause
permanent damage to this device.
Functional Schematic
Positive Control Voltage


Similar Part No. - SW-437

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-437 MACOM-SW-437 Datasheet
94Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
SW-437 MA-COM-SW-437 Datasheet
87Kb / 4P
Drivers for GaAs FET Switches and Digital Attenuators
logo
Tyco Electronics
SW-437PIN MACOM-SW-437PIN Datasheet
94Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-437RTR MACOM-SW-437RTR Datasheet
94Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
SW-437SMB MACOM-SW-437SMB Datasheet
94Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
More results

Similar Description - SW-437

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW-438 MACOM-SW-438 Datasheet
84Kb / 4P
GaAs SPDT Switch DC. 3.0 GHz
MASWSS0192 MACOM-MASWSS0192 Datasheet
204Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MACOM-MASW-007221 Datasheet
198Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-008075 MACOM-MASW-008075 Datasheet
107Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0115 MACOM-MASWSS0115 Datasheet
123Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0136 MACOM-MASWSS0136 Datasheet
117Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MASWSS0151 MA-COM-MASWSS0151 Datasheet
104Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASW-007221 MA-COM-MASW-007221 Datasheet
78Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192 Datasheet
100Kb / 3P
GaAs SPDT Switch DC - 3.0 GHz
MASWSS0192 MA-COM-MASWSS0192_15 Datasheet
692Kb / 4P
GaAs SPDT Switch DC - 3.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com