Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C4U7ATR Datasheet(PDF) 12 Page - STMicroelectronics

Part # STM32F103C4U7ATR
Description  Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C4U7ATR Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STM32F103C4U7ATR Datasheet HTML 8Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 9Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 10Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 11Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 12Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 13Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 14Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 15Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 80 page
background image
Description
STM32F103x4, STM32F103x6
12/80
Doc ID 15060 Rev 3
2.2
Full compatibility throughout the family
The STM32F103xx is a complete family whose members are fully pin-to-pin, software and
feature compatible. In the reference manual, the STM32F103x4 and STM32F103x6 are
identified as low-density devices, the STM32F103x8 and STM32F103xB are referred to as
medium-density devices, and the STM32F103xC, STM32F103xD and STM32F103xE are
referred to as high-density devices.
Low- and high-density devices are an extension of the STM32F103x8/B devices, they are
specified in the STM32F103x4/6 and STM32F103xC/D/E datasheets, respectively. Low-
density devices feature lower Flash memory and RAM capacities, less timers and
peripherals. High-density devices have higher Flash memory and RAM capacities, and
additional peripherals like SDIO, FSMC, I2S and DAC, while remaining fully compatible with
the other members of the STM32F103xx family.
The STM32F103x4, STM32F103x6, STM32F103xC, STM32F103xD and STM32F103xE
are a drop-in replacement for STM32F103x8/B medium-density devices, allowing the user
to try different memory densities and providing a greater degree of freedom during the
development cycle.
Moreover, the STM32F103xx performance line family is fully compatible with all existing
STM32F101xx access line and STM32F102xx USB access line devices.
Table 3.
STM32F103xx family
Pinout
Low-density devices
Medium-density devices
High-density devices
16 KB
Flash
32 KB
Flash(1)
1.
For orderable part numbers that do not show the A internal code after the temperature range code (6 or 7),
the reference datasheet for electrical characteristics is that of the STM32F103x8/B medium-density
devices.
64 KB
Flash
128 KB
Flash
256 KB
Flash
384 KB
Flash
512 KB
Flash
6 KB RAM 10 KB RAM 20 KB RAM 20 KB RAM 48 KB RAM 64 KB RAM 64 KB RAM
144
5 × USARTs
4 × 16-bit timers, 2 × basic timers
3 × SPIs, 2 × I2Ss, 2 × I2Cs
USB, CAN, 2 × PWM timers
3 × ADCs, 2 × DACs, 1 × SDIO
FSMC (100 and 144 pins)
100
3 × USARTs
3 × 16-bit timers
2 × SPIs, 2 × I2Cs, USB,
CAN, 1 × PWM timer
2 × ADCs
64
2 × USARTs
2 × 16-bit timers
1 × SPI, 1 × I2C, USB,
CAN, 1 × PWM timer
2 × ADCs
48
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com