Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM32F103C4U7ATR Datasheet(PDF) 32 Page - STMicroelectronics

Part # STM32F103C4U7ATR
Description  Low-density performance line, ARM-based 32-bit MCU with 16 or 32 KB Flash, USB, CAN, 6 timers, 2 ADCs, 6 communication interfaces
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32F103C4U7ATR Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STM32F103C4U7ATR Datasheet HTML 28Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 29Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 30Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 31Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 32Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 33Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 34Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 35Page - STMicroelectronics STM32F103C4U7ATR Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 80 page
background image
Electrical characteristics
STM32F103x4, STM32F103x6
32/80
Doc ID 15060 Rev 3
Table 11.
Embedded reset and power control block characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VPVD
Programmable voltage
detector level selection
PLS[2:0]=000 (rising edge)
2.1
2.18
2.26
V
PLS[2:0]=000 (falling edge)
2
2.08
2.16
V
PLS[2:0]=001 (rising edge)
2.19
2.28
2.37
V
PLS[2:0]=001 (falling edge)
2.09
2.18
2.27
V
PLS[2:0]=010 (rising edge)
2.28
2.38
2.48
V
PLS[2:0]=010 (falling edge)
2.18
2.28
2.38
V
PLS[2:0]=011 (rising edge)
2.38
2.48
2.58
V
PLS[2:0]=011 (falling edge)
2.28
2.38
2.48
V
PLS[2:0]=100 (rising edge)
2.47
2.58
2.69
V
PLS[2:0]=100 (falling edge)
2.37
2.48
2.59
V
PLS[2:0]=101 (rising edge)
2.57
2.68
2.79
V
PLS[2:0]=101 (falling edge)
2.47
2.58
2.69
V
PLS[2:0]=110 (rising edge)
2.66
2.78
2.9
V
PLS[2:0]=110 (falling edge)
2.56
2.68
2.8
V
PLS[2:0]=111 (rising edge)
2.76
2.88
3
V
PLS[2:0]=111 (falling edge)
2.66
2.78
2.9
V
VPVDhyst
(2)
PVD hysteresis
100
mV
VPOR/PDR
Power on/power down
reset threshold
Falling edge
1.8(1)
1.
The product behavior is guaranteed by design down to the minimum VPOR/PDR value.
1.88
1.96
V
Rising edge
1.84
1.92
2.0
V
VPDRhyst
(2)
PDR hysteresis
40
mV
TRSTTEMPO
(2)
2.
Guaranteed by design, not tested in production.
Reset temporization
1
2.5
4.5
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com