Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM50TL-24NF Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # CM50TL-24NF
Description  IGBT MODULES HIGH POWER SWITCHING USE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM50TL-24NF Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  CM50TL-24NF Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM50TL-24NF Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM50TL-24NF Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM50TL-24NF Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM50TL-24NF Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Feb. 2009
2
IC = 5.0mA, VCE = 10V
IC = 50A, VGE = 15V
VCE = 10V
VGE = 0V
VCE = VCES, VGE = 0V
±VGE = VGES, VCE = 0V
VCC = 600V, IC = 50A, VGE = 15V
VCC = 600V, IC = 50A
VGE =
±15V
RG = 6.3
Ω, Inductive load
IE = 50A
IE = 50A, VGE = 0V
IGBT part (1/6 module)*1
FWDi part (1/6 module)*1
Case to heat sink, Thermal compound Applied (1/6 module)*2
1200
±20
50
100
50
100
390
–40 ~ +150
–40 ~ +125
2500
2.5 ~ 3.5
2.5 ~ 3.5
350
MITSUBISHI IGBT MODULES
CM50TL-24NF
HIGH POWER SWITCHING USE
V
V
A
A
A
A
W
°C
°C
Vrms
N • m
N • m
g
1
0.5
3.0
—
8.5
0.75
0.17
—
100
50
300
350
100
—
3.8
0.32
0.43
—
96
mA
µA
nF
nF
nF
nC
ns
ns
ns
ns
µC
V
K/W
K/W
K/W
Ω
—
—
2.1
2.4
—
—
—
250
—
—
—
—
—
2
—
—
—
0.085
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
6.3
7V
V
68
ns
Collector cutoff current
Gate leakage current
Input capacitance
Output capacitance
Reverse transfer capacitance
Total gate charge
Turn-on delay time
Turn-on rise time
Turn-off delay time
Turn-off fall time
Reverse recovery time
Reverse recovery charge
Emitter-collector voltage
Contact thermal resistance
External gate resistance
Gate-emitter threshold voltage
Collector-emitter saturation voltage
Thermal resistance
ICES
IGES
Cies
Coes
Cres
QG
td(on)
tr
td(off)
tf
trr (Note 1)
Qrr (Note 1)
VEC(Note 1)
Rth(j-c)Q
Rth(j-c)R
Rth(c-f)
RG
Symbol
Parameter
VGE(th)
VCE(sat)
*1 : Case temperature (Tc) measured point is just under the chips.
If you use this value, Rth(f-a) should be measured just under the chips.
*2 : Typical value is measured by using thermally conductive grease of λ = 0.9[W/(m • K)].
Note 1. IE, VEC, trr & Qrr represent characteristics of the anti-parallel, emitter-collector free-wheel diode (FWDi).
2. Pulse width and repetition rate should be such that the device junction temperature (Tj) does not exceed Tjmax rating.
3. Junction temperature (Tj) should not increase beyond 150
°C.
4. Pulse width and repetition rate should be such as to cause negligible temperature rise.
Collector-emitter voltage
Gate-emitter voltage
Maximum collector dissipation
Junction temperature
Storage temperature
Isolation voltage
Weight
G-E Short
C-E Short
DC, TC = 94
°C*1
Pulse
(Note 2)
Pulse
(Note 2)
TC = 25
°C
Terminals to base plate, f = 60Hz, AC 1 minute
Main terminals M5 screw
Mounting M5 screw
Typical value
Symbol
Parameter
Collector current
Emitter current
Torque strength
Conditions
Unit
Ratings
VCES
VGES
IC
ICM
IE (Note 1)
IEM (Note 1)
PC (Note 3)
Tj
Tstg
Viso
—
—
—
Unit
Typ.
Limits
Min.
Max.
ABSOLUTE MAXIMUM RATINGS (Tj = 25
°C, unless otherwise specified)
ELECTRICAL CHARACTERISTICS (Tj = 25
°C, unless otherwise specified)
Test conditions
Tj = 25
°C
Tj = 125
°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com