Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM50TL-24NF Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # CM50TL-24NF
Description  IGBT MODULES HIGH POWER SWITCHING USE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM50TL-24NF Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  CM50TL-24NF Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM50TL-24NF Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM50TL-24NF Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM50TL-24NF Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM50TL-24NF Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Feb. 2009
1
CM50TL-24NF
APPLICATION
AC drive inverters & Servo controls, etc
MITSUBISHI IGBT MODULES
CM50TL-24NF
HIGH POWER SWITCHING USE
¡IC ..................................................................... 50A
¡VCES ......................................................... 1200V
¡Insulated Type
¡6-elements in a pack
OUTLINE DRAWING & CIRCUIT DIAGRAM
Dimensions in mm
B
UV
W
2-
φ5.5
MOUNTING HOLES
106 ±0.5
13.62
7
17
17
40.78
120
11
6-M5 NUTS
(19.75)
10.75
22
23
23
23
12
12
12
AB
12
Housing Type of A and B
(J.S.T.Mfg.Co.Ltd)
A = B8P-VH-FB-B, B = B2P-VH-FB-B
P
BU
N
CN-7
CN-8
CN-5
CN-6
UP-1
UP-2
V
CN-3
CN-4
VP-1
VP-2
W
CN-1
CN-2
WP-1
WP-2
NC
NC
NC
CIRCUIT DIAGRAM


Similar Part No. - CM50TL-24NF

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM50TL-24NF POWEREX-CM50TL-24NF Datasheet
536Kb / 4P
Six IGBTMOD NF-Series Module 50 Amperes/1200 Volts
More results

Similar Description - CM50TL-24NF

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM50TU-34KA MITSUBISHI-CM50TU-34KA Datasheet
87Kb / 4P
IGBT MODULES HIGH POWER SWITCHING USE
CM35MX-24A MITSUBISHI-CM35MX-24A Datasheet
223Kb / 8P
IGBT MODULES HIGH POWER SWITCHING USE
CM50TU-24F MITSUBISHI-CM50TU-24F_09 Datasheet
119Kb / 4P
IGBT MODULES HIGH POWER SWITCHING USE
CM75TU-34KA MITSUBISHI-CM75TU-34KA_09 Datasheet
86Kb / 4P
IGBT MODULES HIGH POWER SWITCHING USE
CM100DU-24F MITSUBISHI-CM100DU-24F_09 Datasheet
108Kb / 4P
IGBT MODULES HIGH POWER SWITCHING USE
CM100DU-24NFH MITSUBISHI-CM100DU-24NFH_09 Datasheet
122Kb / 4P
IGBT MODULES HIGH POWER SWITCHING USE
CM100DY-24NF MITSUBISHI-CM100DY-24NF_09 Datasheet
96Kb / 4P
IGBT MODULES HIGH POWER SWITCHING USE
CM100RL-12NF MITSUBISHI-CM100RL-12NF_09 Datasheet
111Kb / 6P
IGBT MODULES HIGH POWER SWITCHING USE
CM150DU-12F MITSUBISHI-CM150DU-12F Datasheet
106Kb / 4P
IGBT MODULES HIGH POWER SWITCHING USE
CM150TL-24NF MITSUBISHI-CM150TL-24NF_09 Datasheet
107Kb / 5P
IGBT MODULES HIGH POWER SWITCHING USE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com