Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM50TL-24NF Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # CM50TL-24NF
Description  IGBT MODULES HIGH POWER SWITCHING USE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM50TL-24NF Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  CM50TL-24NF Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM50TL-24NF Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM50TL-24NF Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM50TL-24NF Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM50TL-24NF Datasheet HTML 5Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Feb. 2009
5
GATE CHARGE
CHARACTERISTICS
(TYPICAL)
GATE CHARGE QG (nC)
VCC = 600V
VCC = 400V
IC = 50A
0
4
8
16
12
20
0
200
400
100
300
0
MITSUBISHI IGBT MODULES
CM50TL-24NF
HIGH POWER SWITCHING USE



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com