Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP400FC Datasheet(PDF) 2 Page - Cirrus Logic

Part # MP400FC
Description  Power Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP400FC Datasheet(HTML) 2 Page - Cirrus Logic

  MP400FC Datasheet HTML 1Page - Cirrus Logic MP400FC Datasheet HTML 2Page - Cirrus Logic MP400FC Datasheet HTML 3Page - Cirrus Logic MP400FC Datasheet HTML 4Page - Cirrus Logic MP400FC Datasheet HTML 5Page - Cirrus Logic MP400FC Datasheet HTML 6Page - Cirrus Logic MP400FC Datasheet HTML 7Page - Cirrus Logic MP400FC Datasheet HTML 8Page - Cirrus Logic MP400FC Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP400
2
MP400U
Parameter
symbol
Min
Max
Units
SUPPLY VOLTAGE, +V
CC to GND
50
V
OUTPUT CURRENT, peak within SOA
200
mA
POWER DISSIPATION, internal, DC, Amplifier
14.2
W
OUTPUT POWER, SMPS
67
W
INPUT VOLTAGE, Differential
-16
16
V
INPUT VOLTAGE, Common Mode
-16
16
V
TEMPERATURE, pin solder, 10s
225
°C
TEMPERATURE, junction
(Note 2)
150
°C
TEMPERATURE RANGE, storage
−40
105
°C
OPERATING TEMPERATURE, case
−40
85
°C
1. characteristics anD sPeciFications
aBsolUte MaxiMUM ratinGs
Parameter
test conditions
Min
typ
Max
Units
aMPliFier inPUt
OFFSET VOLTAGE
8
40
mV
OFFSET VOLTAGE vs. temperature
0 to 85°C (Case)
-63
µV/°C
OFFSET VOLTAGE vs. supply
32
µV/V
BIAS CURRENT, initial
(Note 3)
8.5
200
pA
OFFSET CURRENT, initial
12
400
pA
INPUT RESISTANCE, DC
106
Ω
COMMON MODE VOLTAGE RANGE, pos.
+V
S - 2
V
COMMON MODE VOLTAGE RANGE, neg.
-V
S + 5.5
V
COMMON MODE REJECTION, DC
90
118
dB
NOISE
700KHz bandwidth
418
µV RMS
aMPliFier Gain
OPEN LOOP @ 15 Hz
89
120
dB
GAIN BANDWIDTH PRODUCT @ 1 MHz
1
MHz
PHASE MARGIN
Full temperature range
50
°
aMPliFier oUtPUt
VOLTAGE SWING
I
O = 10 mA
|V
S| - 2
V
VOLTAGE SWING
I
O = 100 mA
|V
S| - 8.6
|V
S| - 12
V
VOLTAGE SWING
I
O = 150 mA
|V
S| - 10
V
CURRENT, continuous, DC
150
mA
SLEW RATE
100
350
V/µS
SETTLING TIME, to 0.1%
2 V Step
1
µS
RESISTANCE, No load
R
LIM = 6.2 Ω
44
Ω
POWER BANDWIDTH, 300 V
P-P
+V
S = 160 V, −VS = -160 V
200
kHz
CURRENT, quiescent, amplifier only
0.2
0.7
2.5
mA
sPeciFications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com