Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP400FC Datasheet(PDF) 4 Page - Cirrus Logic

Part # MP400FC
Description  Power Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP400FC Datasheet(HTML) 4 Page - Cirrus Logic

  MP400FC Datasheet HTML 1Page - Cirrus Logic MP400FC Datasheet HTML 2Page - Cirrus Logic MP400FC Datasheet HTML 3Page - Cirrus Logic MP400FC Datasheet HTML 4Page - Cirrus Logic MP400FC Datasheet HTML 5Page - Cirrus Logic MP400FC Datasheet HTML 6Page - Cirrus Logic MP400FC Datasheet HTML 7Page - Cirrus Logic MP400FC Datasheet HTML 8Page - Cirrus Logic MP400FC Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP400
4
MP400U
Pin #
Pin name
Description
21 - 23, 25 V
IN
Input voltage pins for the on board high voltage switch mode power supply.
24
V
BIAS
Input voltage pin for the boost controller circuitry. This pin is typically tied to V
IN
12 – 15
Q2D
Drain node of the SMPS MOSFET switch. An external RC snubber may be connect from this
node to power ground to reduce or eliminate overshoot and ringing at switch turn off, reducing
switching noise on the SMPS.
8
V
B
This is the output of the high voltage SMPS and typically is tied to pin 6, L
FIN. Other loads can
be added to this pin as long as the maximum output power of the SMPS is not exceeded. For
proper operation, an external high voltage, low ESR capacitor must be connected to this pin.
Refer to the paragraph titled “SMPS Output Capacitor”.
6
L
FIN
The high voltage SMPS, V
B , is connected to this pin to power the MP400FC amplifier through a
47 µH filter inductor. The supply current in to this pin can not exceed 200 mA.
4
+V
S
MP400FC amplifier high voltage supply pin. This pin is used for external supply bypass. A high
quality ceramic capacitor of at least 1uF should be used. The high voltage SMPS, V
B, can be
connected directly to this pin, bypassing the 47 µH filter inductor.
34
R
SET
SMPS voltage set resistor. A resistor is connected from this pin to power ground to set the SMPS
voltage.
26 – 33
PGND
Power ground. SMPS switching circuits are referenced to ground through these pins.
35
AGND
Analog ground for MP400FC amplifier circuits. AGND and PGND are connected at one point on
the MP400FC. Avoid external connections between AGND and PGND.
41
-V
S
This pin is typically connected to AGND. However, an external negative supply voltage can be
connected to this pin.
39
+IN
Amplifier non-inverting input
40
-IN
Amplifier inverting input
1
V
OUT
Amplifier output
2
I
LIM
Amplifier current limit. A current limit resistor must be connected between I
LIM and VOUT. RLIM =
0.7/I
LIM.
36
C
R+
+ side compensation capacitor connection one.
37
C
C+
+ side compensation capacitor connection two.
38
C
R-
- side compensation capacitor connection one.
42
C
C-
- side compensation capacitor connection two.
Unused pins should be left open. This is mandatory for pins 3, 5, 7, 9, 11 and 16.
tyPical aPPlication
The MP400FC is ideally suited to driv-
ing both piezo actuation and deflection
applications off of a single low volt-
age supply. The circuit above boosts a
system 24 V buss to 350 V to drive an
ink jet print head. The MP400FCs high
speed deflection amplifier is biased for
single supply operation by external re-
sistors R2 – R6, so that a 0 to 5 V DAC
can be used as the input to the amplifier
to drive the print head from 0 to >300 V.
R1
402K
R
CL
DEFLECTION
PLATE
INK
DROPLETS
SMPS
CIRCUIT
Vin = 24V
0-5V
DAC
MP400
C
C
C
C
+350V
R2
124K
1W
R3
124K
1W
R6
402K
R5
5.62K
R4
5.62K
0.0Ω
470µF
100µF
Rset
PGND
Vboost
Pin DescriPtions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com