Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MP400FC Datasheet(PDF) 3 Page - Cirrus Logic

Part # MP400FC
Description  Power Operational Amplifiers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

MP400FC Datasheet(HTML) 3 Page - Cirrus Logic

  MP400FC Datasheet HTML 1Page - Cirrus Logic MP400FC Datasheet HTML 2Page - Cirrus Logic MP400FC Datasheet HTML 3Page - Cirrus Logic MP400FC Datasheet HTML 4Page - Cirrus Logic MP400FC Datasheet HTML 5Page - Cirrus Logic MP400FC Datasheet HTML 6Page - Cirrus Logic MP400FC Datasheet HTML 7Page - Cirrus Logic MP400FC Datasheet HTML 8Page - Cirrus Logic MP400FC Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
P r o d u c t I n n o v a t i o n F r o m
MP400
MP400U
3
NOTES:
1. (All Min/Max characteristics and specifications are guaranteed over the Specified Operating Condi-
tions. Typical performance characteristics and specifications are derived from measurements taken
at typical supply voltages and T
C = 25°C).
2. Long term operation at the maximum junction temperature will result in reduced product life. Derate
power dissipation to achieve high MTTF.
3. Doubles for every 10oC of temperature increase.
4. +V
S and –VS denote the positive and negative supply voltages to the output stage.
Parameter
test conditions
Min
typ
Max
Units
sMPs
INPUT VOLTAGE, V
IN
10
50
V
SMPS OUTPUT VOLTAGE, V
B
46.75
365
V
SMPS OUTPUT CURRENT, I
S
V
B = 10x VIN
150
mA
OUTPUT VOLTAGE TOLERANCE
V
B ≤ 10x VIN, IS ≤ 150 mA,
R
SET = 1%
+/-2
6.5
%
VOLTAGE BOOST
10
x input V
therMal
RESISTANCE, DC, junction to case
Full temperature range, f<60Hz
7.7
8.8
°C/W
RESISTANCE, junction to air
Full temperature range
46
°C/W
TEMPERATURE RANGE, case
0
70
°C
sPeciFications, (cont).
6 7 8 9 10
5
4
3
2
1
16 17 18 19 20
15
14
13
12
11
37 36 35 34 33
38
39
40
41
42
27 26 25 24 23
28
29
30
31
32
22 21
C
C-
C
C+
Power GND
C
IN
10V-50V
C1
R
LIM
TO LOAD
AND
FEEDBACK
+
+
Cboost
Analog GND
external connections
42-Pin DiP
Package style Fc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com