Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC500 Datasheet(PDF) 22 Page - Microchip Technology

Part # TC500
Description  Precision Analog Front Ends with Dual Slope ADC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC500 Datasheet(HTML) 22 Page - Microchip Technology

Back Button TC500 Datasheet HTML 18Page - Microchip Technology TC500 Datasheet HTML 19Page - Microchip Technology TC500 Datasheet HTML 20Page - Microchip Technology TC500 Datasheet HTML 21Page - Microchip Technology TC500 Datasheet HTML 22Page - Microchip Technology TC500 Datasheet HTML 23Page - Microchip Technology TC500 Datasheet HTML 24Page - Microchip Technology TC500 Datasheet HTML 25Page - Microchip Technology TC500 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
TC500/A/510/514
DS21428E-page 22
© 2008 Microchip Technology Inc.
FIGURE 9-4:
TC514 To IBM® Compatible Printer Port.
IBM®
Printer Port
Port
0378
Hex
+5V
10 kΩ
100 kΩ
1 μF
1 μF
1
25
2
2
3
3
4
CAP–
5
6
7
8
23
10
22
21
9
26
27
28
DGND
VOUT
VDD
A
B
CREF+
TC514
BUF
0.22 μF
10 kΩ
10 kΩ
0.22 μF
0.01 μF
0.33 μF
CH1+
Input 1
+
18
–
13
Input 2
+
17
–
12
Input 3
+
16
–
11
Input 4
+
15
–
10
CAP+
CREF-
VREF+
VREF-
CAZ
CINT
ACOM
CH1–
CH2+
CH2–
CH3+
CH3–
CH4+
CH4–
CMPTR
Analog
Mux Control Logic
A0
A1
20
19
MCP1525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com