Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC500 Datasheet(PDF) 19 Page - Microchip Technology

Part # TC500
Description  Precision Analog Front Ends with Dual Slope ADC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC500 Datasheet(HTML) 19 Page - Microchip Technology

Back Button TC500 Datasheet HTML 15Page - Microchip Technology TC500 Datasheet HTML 16Page - Microchip Technology TC500 Datasheet HTML 17Page - Microchip Technology TC500 Datasheet HTML 18Page - Microchip Technology TC500 Datasheet HTML 19Page - Microchip Technology TC500 Datasheet HTML 20Page - Microchip Technology TC500 Datasheet HTML 21Page - Microchip Technology TC500 Datasheet HTML 22Page - Microchip Technology TC500 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21428E-page 19
TC500/A/510/514
9.0
DESIGN EXAMPLES
Refer to Figures 9-1 to 9-4.
EQUATION 9-1:
Given:
Required Resolution: 16 bits (65,536
counts).
Maximum VIN: ±2V
Power Supply Voltage: +5V
60 Hz System
Step 1.
Pick integration time (tINT) as a multiple
of the line frequency:
1/60 Hz = 16.6 ms. Use 4x line
frequency.
= 66 ms
Step 2.
Calculate RINT:
RINT = VIN(MAX) /20 μA 2 /20 μA
= 100 kΩ
Step 3.
Calculate CINT for maximum (4V)
integrator output swing.
CINT = (tINT) (20 x 10 –6) / (VS - 0.9)
= (.066) (20 x 10 –6) / (4.1)
= 0.32 μF (use closest value: 0.33 μF)
Note:
Microchip recommended capacitor:
Evox Rifa p/n: 5MR5 334K50J03L4.
Step 4.
Choose CREF and CAZ based on
conversion rate.
Conversions/sec:
= 1/(TAZ + TINT + 2 TINT + 2 ms)
= 1/(66 ms +66 ms +132 ms +2 ms)
= 3.7 conversions/sec
From which CAZ = CREF = 0.22 μF
(see Table 7-1)
Note:
Microchip recommended capacitor:
Evox Rifa p/n: 5MR5 224K50J02L4
Step 5.
Calculate VREF:
V
REF
V
S
0.9
–
() C
INT
() R
INT
()
2T
INT
()
-----------------------------------------------------------
=
4.1
() 0.33 10
6
–
×
() 100 10
3
×
()
2 66
10
3
–
×
()
--------------------------------------------------------------------------
=
1.025 V
()
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com