Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC500 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC500
Description  Precision Analog Front Ends with Dual Slope ADC
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC500 Datasheet(HTML) 1 Page - Microchip Technology

  TC500 Datasheet HTML 1Page - Microchip Technology TC500 Datasheet HTML 2Page - Microchip Technology TC500 Datasheet HTML 3Page - Microchip Technology TC500 Datasheet HTML 4Page - Microchip Technology TC500 Datasheet HTML 5Page - Microchip Technology TC500 Datasheet HTML 6Page - Microchip Technology TC500 Datasheet HTML 7Page - Microchip Technology TC500 Datasheet HTML 8Page - Microchip Technology TC500 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21428E-page 1
TC500/A/510/514
Features:
• Precision (up to 17 bits) A/D Converter “Front
End”
• 3-Pin Control Interface to Microprocessor
• Flexible: User Can Trade-off Conversion Speed
for Resolution
• Single-Supply Operation (TC510/TC514)
• 4 Input, Differential Analog MUX (TC514)
• Automatic Input Voltage Polarity Detection
• Low Power Dissipation:
- (TC500/TC500A): 10 mW
- (TC510/TC514): 18 mW
• Wide Analog Input Range:
- ±4.2V (TC500A/TC510)
• Directly Accepts Bipolar and Differential
Input Signals
Applications:
• Precision Analog Signal Processor
• Precision Sensor Interface
• High Accuracy DC Measurements
General Description:
TheTC500/A/510/514 family are precision analog front
ends that implement dual slope A/D converters having
a maximum resolution of 17 bits plus sign. As a
minimum, each device contains the integrator, zero
crossing comparator and processor interface logic. The
TC500 is the base (16-bit max) device and requires
both positive and negative power supplies. The
TC500A is identical to the TC500 with the exception
that it has improved linearity, allowing it to operate to a
maximum resolution of 17 bits. The TC510 adds an on-
board negative power supply converter for single-
supply operation. The TC514 adds both a negative
power supply converter and a 4-input differential
analog multiplexer.
Each device has the same processor control interface
consisting of 3 wires: control inputs (A and B) and zero-
crossing comparator output (CMPTR). The processor
manipulates A, B to sequence the TC5XX through four
phases of conversion: auto-zero, integrate, de-
integrate and integrator zero. During the auto-zero
phase, offset voltages in the TC5XX are corrected by a
closed loop feedback mechanism. The input voltage is
applied to the integrator during the integrate phase.
This causes an integrator output dv/dt directly
proportional to the magnitude of the input voltage. The
higher the input voltage, the greater the magnitude of
the voltage stored on the integrator during this phase.
At the start of the de-integrate phase, an external
voltage reference is applied to the integrator and, at the
same time, the external host processor starts its on-
board timer. The processor maintains this state until a
transition occurs on the CMPTR output, at which time
the processor halts its timer. The resulting timer count
is the converted analog data. Integrator zero (the final
phase of conversion) removes any residue remaining
in the integrator in preparation for the next conversion.
The TC500/A/510/514 offer high resolution (up to
17 bits), superior 50/60 Hz noise rejection, low-power
operation, minimum I/O connections, low input bias
currents and lower cost compared to other converter
technologies having similar conversion speeds.
Precision Analog Front Ends with Dual Slope ADC


Similar Part No. - TC500

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC500 TELCOM-TC500 Datasheet
209Kb / 17P
PRECISION ANALOG FRONT ENDS
logo
Microchip Technology
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
Precision Analog Front Ends
2002
TC500 MICROCHIP-TC500 Datasheet
653Kb / 34P
Precision Analog Front Ends
2006
logo
Toshiba Semiconductor
TC5002BP TOSHIBA-TC5002BP Datasheet
148Kb / 5P
C2MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
logo
TelCom Semiconductor, I...
TC500A TELCOM-TC500A Datasheet
209Kb / 17P
PRECISION ANALOG FRONT ENDS
More results

Similar Description - TC500

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC500 TELCOM-TC500 Datasheet
209Kb / 17P
PRECISION ANALOG FRONT ENDS
logo
Microchip Technology
TC500 MICROCHIP-TC500 Datasheet
565Kb / 28P
Precision Analog Front Ends
2002
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
Precision Analog-to-Digital Converter (ADC)
logo
List of Unclassifed Man...
ES51966 ETC1-ES51966 Datasheet
509Kb / 27P
44,000/440,000-COUNT DUAL-SLOPE ANALOG-TO-DIGITAL CONVERTER(ADC) WITH X10 AND PEAK HOLD FUNCTIONS
ES51973 ETC1-ES51973 Datasheet
261Kb / 18P
22000 COUNTS DUAL-SLOPE ANALOG-TO-DIGITAL CONVERTER (ADC)
logo
Microchip Technology
TC500 MICROCHIP-TC500_06 Datasheet
653Kb / 34P
Precision Analog Front Ends
2006
logo
Analog Devices
ADA4350 AD-ADA4350 Datasheet
799Kb / 38P
FET Input Analog Front End with ADC Driver
Rev. B
AD8450 AD-AD8450_17 Datasheet
1Mb / 42P
Precision Analog Front End and Controller
23-Feb-2017
AD1018 AD-AD1018 Datasheet
72Kb / 2P
High Precision Analog Front End
AD1030 AD-AD1030 Datasheet
78Kb / 2P
High Precision Analog Front End with TEC/PMIC
Rev. Sp0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com