Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP616T Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP616T
Description  2.3V to 5.5V Micropower Bi-CMOS Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP616T Datasheet(HTML) 4 Page - Microchip Technology

  MCP616T Datasheet HTML 1Page - Microchip Technology MCP616T Datasheet HTML 2Page - Microchip Technology MCP616T Datasheet HTML 3Page - Microchip Technology MCP616T Datasheet HTML 4Page - Microchip Technology MCP616T Datasheet HTML 5Page - Microchip Technology MCP616T Datasheet HTML 6Page - Microchip Technology MCP616T Datasheet HTML 7Page - Microchip Technology MCP616T Datasheet HTML 8Page - Microchip Technology MCP616T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
MCP616/7/8/9
DS21613C-page 4
© 2008 Microchip Technology Inc.
AC ELECTRICAL CHARACTERISTICS
MCP618 CHIP SELECT (CS) ELECTRICAL CHARACTERISTICS
FIGURE 1-1:
Timing Diagram for the CS
Pin on the MCP618.
Electrical Specifications:
Unless otherwise indicated, VDD = +2.3V to +5.5V, VSS =GND, TA = 25°C, VCM =VDD/2, VOUT ≈ VDD/2,
RL = 100 kΩ to VDD/2 and CL =60pF.
Parameters
Sym
Min
Typ
Max
Units
Conditions
AC Response
Gain Bandwidth Product
GBWP
—
190
—
kHz
Phase Margin
PM
—
57
—
°
G = +1V/V
Slew Rate
SR
—
0.08
—
V/µs
Noise
Input Noise Voltage
Eni
—2.2
—
µVP-P
f = 0.1 Hz to 10 Hz
Input Noise Voltage Density
eni
—32
—
nV/
√Hz
f = 1 kHz
Input Noise Current Density
ini
—70
—
fA/
√Hz
f = 1 kHz
Electrical Specifications:
Unless otherwise indicated, VDD = +2.3V to +5.5V, VSS = GND, TA = 25°C, VCM =VDD/2, VOUT ≈ VDD/2,
RL = 100 kΩ to VDD/2 and CL =60pF.
Parameters
Sym
Min
Typ
Max
Units
Conditions
CS Low Specifications
CS Logic Threshold, Low
VIL
VSS
—0.2 VDD
V
CS Input Current, Low
ICSL
–1.0
0.01
—
µA
CS = VSS
CS High Specifications
CS Logic Threshold, High
VIH
0.8 VDD
—VDD
V
CS Input Current, High
ICSH
—0.01
2
µA
CS = VDD
GND Current
ISS
-2
-0.05
—
µA
CS = VDD
Amplifier Output Leakage
IO(LEAK)
—10—
nA
CS = VDD
CS Dynamic Specifications
CS Low to Amplifier Output Turn-on Time
tON
—9
100
µs
CS = 0.2VDD to VOUT = 0.9VDD/2,
G = +1 V/V, RL = 1 kΩ to VSS
CS High to Amplifier Output High-Z
tOFF
—0.1
—
µs
CS = 0.8VDD to VOUT = 0.1VDD/2,
G = +1 V/V, RL = 1 kΩ to VSS
CS Hysteresis
VHYST
—0.6
—
V
VDD = 5.0V
CS
VOUT
ISS
ICS
VIL
VIH
tON
tOFF
-50 nA
-50 nA
-19 µA
10 nA
10 nA
High-Z
High-Z
(typical)
(typical)
(typical)
(typical)
(typical)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com