Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP616T Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP616T
Description  2.3V to 5.5V Micropower Bi-CMOS Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP616T Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP616T Datasheet HTML 9Page - Microchip Technology MCP616T Datasheet HTML 10Page - Microchip Technology MCP616T Datasheet HTML 11Page - Microchip Technology MCP616T Datasheet HTML 12Page - Microchip Technology MCP616T Datasheet HTML 13Page - Microchip Technology MCP616T Datasheet HTML 14Page - Microchip Technology MCP616T Datasheet HTML 15Page - Microchip Technology MCP616T Datasheet HTML 16Page - Microchip Technology MCP616T Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21613C-page 13
MCP616/7/8/9
3.0
PIN DESCRIPTIONS
Descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Analog Outputs
The output pins are low-impedance voltage sources.
3.2
Analog Inputs
The non-inverting and inverting inputs are high-
impedance PNP inputs with low bias currents.
3.3
Chip Select Digital Input (CS)
This is a CMOS, Schmitt-triggered input that places the
MCP618 op amp into a low-power mode of operation.
3.4
Power Supply Pins (VDD, VSS)
The positive power supply (VDD) is 2.3V to 5.5V higher
than the negative power supply (VSS). For normal
operation, the other pins are at voltages between VSS
and VDD.
Typically, these parts are used in a single-supply
(positive) supply configuration. In this case, VSS is
connected to ground and VDD is connected to the
supply. VDD will need bypass capacitors.
MCP616
MCP617
MCP618
MCP619
Symbol
Description
MSOP,
PDIP, SOIC
MSOP,
PDIP, SOIC
MSOP,
PDIP, SOIC
PDIP,
SOIC,
TSSOP
6161
VOUT, VOUTA
Output (op amp A)
2222
VIN–, VINA–
Inverting Input (op amp A)
3333
VIN+, VINA+
Non-inverting Input (op amp A)
7874
VDD
Positive Power Supply
—5—5
VINB+
Non-inverting Input (op amp B)
—6—6
VINB–
Inverting Input (op amp B)
—7—7
VOUTB
Output (op amp B)
———
8
VOUTC
Output (op amp B)
———
9
VINC–
Inverting Input (op amp C)
———
10
VINC+
Non-inverting Input (op amp C)
444
11
VSS
Negative Power Supply
———
12
VIND+
Non-inverting Input (op amp D)
———
13
VIND–
Inverting Input (op amp D)
———
14
VOUTD
Output (op amp D)
——
8
—
CS
Chip Select
1, 5, 8
—
1, 5
—
NC
No Internal Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com