Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP616T Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP616T
Description  2.3V to 5.5V Micropower Bi-CMOS Op Amps
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP616T Datasheet(HTML) 5 Page - Microchip Technology

  MCP616T Datasheet HTML 1Page - Microchip Technology MCP616T Datasheet HTML 2Page - Microchip Technology MCP616T Datasheet HTML 3Page - Microchip Technology MCP616T Datasheet HTML 4Page - Microchip Technology MCP616T Datasheet HTML 5Page - Microchip Technology MCP616T Datasheet HTML 6Page - Microchip Technology MCP616T Datasheet HTML 7Page - Microchip Technology MCP616T Datasheet HTML 8Page - Microchip Technology MCP616T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 38 page
background image
© 2008 Microchip Technology Inc.
DS21613C-page 5
MCP616/7/8/9
TEMPERATURE CHARACTERISTICS
1.1
Test Circuits
The test circuits used for the DC and AC tests are
shown in Figure 1-2 and Figure 1-3. The bypass
capacitors are laid out according to the rules discussed
in Section 4.6 “Supply Bypass”.
FIGURE 1-2:
AC and DC Test Circuit for
Most Non-Inverting Gain Conditions.
FIGURE 1-3:
AC and DC Test Circuit for
Most Inverting Gain Conditions.
Electrical Specifications:
Unless otherwise indicated, VDD = +2.3V to +5.5V and VSS =GND.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+85
°C
Operating Temperature Range
TA
-40
—
+125
°C
Note 1
Storage Temperature Range
TA
-65
—
+150
°C
Thermal Package Resistances
Thermal Resistance, 8L-MSOP
θJA
—211
—
°C/W
Thermal Resistance, 8L-PDIP
θJA
—
89.3
—
°C/W
Thermal Resistance, 8L-SOIC
θJA
—
149.5
—
°C/W
Thermal Resistance, 14L-PDIP
θJA
—70
—
°C/W
Thermal Resistance, 14L-SOIC
θJA
—
95.3
—
°C/W
Thermal Resistance, 14L-TSSOP
θJA
—
100
—
°C/W
Note
1:
The MCP616/7/8/9 operate over this extended temperature range, but with reduced performance. In any case, the
Junction Temperature (TJ) must not exceed the Absolute Maximum specification of +150°C.
VDD
MCP61X
RG
RF
RN
VOUT
VIN
VDD/2
1µF
CL
RL
VL
0.1 µF
VDD
MCP61X
RG
RF
RN
VOUT
VDD/2
VIN
1µF
CL
RL
VL
0.1 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com