Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LCS22AT Datasheet(PDF) 3 Page - Microchip Technology

Part # 24LCS22AT
Description  2K VESA짰 E-EDID??Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS22AT Datasheet(HTML) 3 Page - Microchip Technology

  24LCS22AT Datasheet HTML 1Page - Microchip Technology 24LCS22AT Datasheet HTML 2Page - Microchip Technology 24LCS22AT Datasheet HTML 3Page - Microchip Technology 24LCS22AT Datasheet HTML 4Page - Microchip Technology 24LCS22AT Datasheet HTML 5Page - Microchip Technology 24LCS22AT Datasheet HTML 6Page - Microchip Technology 24LCS22AT Datasheet HTML 7Page - Microchip Technology 24LCS22AT Datasheet HTML 8Page - Microchip Technology 24LCS22AT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
© 2009 Microchip Technology Inc.
DS21682E-page 3
24LCS22A
TABLE 1-2:
AC CHARACTERISTICS
AC CHARACTERISTICS
Vcc = +2.5V to 5.5V
Industrial (I): TA = -40°C to +85°C
Param.
No.
Sym
Parameter
Min
Max
Units
Conditions
1FCLK
Clock frequency
—
—
100
400
kHz
2.5V
≤ VCC ≤ 5.5V
4.5V
≤ VCC ≤ 5.5V
2THIGH
Clock high time
4000
600
—
—
ns
2.5V
≤ VCC ≤ 5.5V
4.5V
≤ VCC ≤ 5.5V
3TLOW
Clock low time
4700
1300
—
—
ns
2.5V
≤ VCC ≤ 5.5V
4.5V
≤ VCC ≤ 5.5V
4TR
SDA and SCL rise time
—
—
1000
300
ns
2.5V
≤ VCC ≤ 5.5V (Note 1)
4.5V
≤ VCC ≤ 5.5V (Note 1)
5TF
SDA and SCL fall time
—
—
300
300
ns
(Note 1)
6THD:STA
Start condition hold time
4000
600
—
—
ns
2.5V
≤ VCC ≤ 5.5V
4.5V
≤ VCC ≤ 5.5V
7TSU:STA
Start condition setup time
4700
600
—
—
ns
2.5V
≤ VCC ≤ 5.5V
4.5V
≤ VCC ≤ 5.5V
8THD:DAT
Data input hold time
0
0
—
—
ns
(Note 2)
9TSU:DAT
Data input setup time
250
100
—
—
ns
2.5V
≤ VCC ≤ 5.5V
4.5V
≤ VCC ≤ 5.5V
10
TSU:STO
Stop condition setup time
4000
600
—
—
ns
2.5V
≤ VCC ≤ 5.5V
4.5V
≤ VCC ≤ 5.5V
11
TAA
Output valid from clock
(Note 2)
—
—
3500
900
ns
2.5V
≤ VCC ≤ 5.5V
4.5V
≤ VCC ≤ 5.5V
12
TBUF
Bus free time: Time the bus must be
free before a new transmission can
start
4700
1300
—
—
ns
2.5V
≤ VCC ≤ 5.5V
4.5V
≤ VCC ≤ 5.5V
13
TOF
Output fall time from VIH
minimum to VIL maximum
—
20+0.1CB
250
250
ns
2.5V
≤ VCC ≤ 5.5V (Note 1)
4.5V
≤ VCC ≤ 5.5V (Note 1)
14
TSP
Input filter spike suppression
(SDA and SCL pins)
—
—
50
50
ns
(Notes 1 and 3)
15
TWR
Write cycle time (byte or page)
—
—
10
10
ms
16
TVAA
Output valid from VCLK
—
—
2000
1000
ns
17
TVHIGH
VCLK high time
4000
600
—
—
ns
18
TVLOW
VCLK low time
4700
1300
—
—
ns
19
TVHST
VCLK setup time
0
0
—
—
ns
20
TSPVL
VCLK hold time
4000
600
—
—
ns
21
TVHZ
Mode transition time
—
—
1000
500
ns
22
TVPU
Transmit-only power-up time
0
0
—
—
ns
23
TSPV
Input filter spike suppression (VCLK
pin)
—
—
100
100
ns
24
—
Endurance
1M
—
cycles
25°C, VCC = 5.0V, Block mode
(Note 4)
Note 1:
Not 100% tested. CB = total capacitance of one bus line in pF.
2:
As a transmitter, the device must provide an internal minimum delay time to bridge the undefined region (minimum 300 ns) of the
falling edge of SCL to avoid unintended generation of Start or Stop conditions.
3:
The combined TSP and VHYS specifications are due to Schmitt Trigger inputs which provide improved noise spike suppression.
This eliminates the need for a TI specification for standard operation.
4:
This parameter is not tested but established by characterization. For endurance estimates in a specific application, please consult
the Total Endurance™ Model which can be obtained from Microchip’s web site at www.microchip.com.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com