Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LCS22AT Datasheet(PDF) 6 Page - Microchip Technology

Part # 24LCS22AT
Description  2K VESA짰 E-EDID??Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS22AT Datasheet(HTML) 6 Page - Microchip Technology

Back Button 24LCS22AT Datasheet HTML 2Page - Microchip Technology 24LCS22AT Datasheet HTML 3Page - Microchip Technology 24LCS22AT Datasheet HTML 4Page - Microchip Technology 24LCS22AT Datasheet HTML 5Page - Microchip Technology 24LCS22AT Datasheet HTML 6Page - Microchip Technology 24LCS22AT Datasheet HTML 7Page - Microchip Technology 24LCS22AT Datasheet HTML 8Page - Microchip Technology 24LCS22AT Datasheet HTML 9Page - Microchip Technology 24LCS22AT Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
24LCS22A
DS21682E-page 6
© 2009 Microchip Technology Inc.
FIGURE 3-3:
DISPLAY OPERATION PER DDC STANDARD PROPOSED BY VESA®
Communication
is idle
Is Vsync
present?
No
Send EDID™ continuously
using Vsync as clock
High-to-low
transition on
SCL?
No
Yes
Yes
Stop sending EDID.
Switch to DDC2™ mode.
Display has
transition state
?
optional
Set Vsync counter = 0
Change on
VCLK lines?
SCL, SDA or
No
Yes
High-low
transition on SCL
?
Reset Vsync counter = 0
No
Yes
Valid
received?
DDC2 address
No
No
VCLK
cycle?
Yes
Increment VCLK counter
Yes
Switch back to DDC1™
mode.
DDC2 communication
idle. Display waiting for
address byte.
DDC2B
address
received?
Yes
Receive DDC2B
command
Respond to DDC2B
command
Is display
Access.bus™
Yes
Valid Access.bus
address?
No
Yes
See Access.bus
specification to determine
correct procedure.
Yes
No
Yes
No
No
No
The 24LCS22A was designed to
Display Power-on
or
DDC Circuit Powered
from +5 volts
or start timer
Reset counter or timer
(if appropriate)
Counter=128 or
timer expired?
High-to-low
transition on
SCL?
No
Yes
comply to the portion of flowchart inside dash box
Note 1: The base flowchart is copyright
© 1993, 1994, 1995 Video Electronic Standard Association (VESA) from
VESA’s Display Data Channel (DDC) Standard Proposal ver. 2p rev. 0, used by permission of VESA.
2: The dash box and text “The 24LCS22A and... inside dash box.” are added by Microchip Technology Inc.
3: Vsync signal is normally used to derive a signal for VCLK pin on the 24LCS22A.
capable?



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com