Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24LCS22AT Datasheet(PDF) 15 Page - Microchip Technology

Part # 24LCS22AT
Description  2K VESA짰 E-EDID??Serial EEPROM
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

24LCS22AT Datasheet(HTML) 15 Page - Microchip Technology

Back Button 24LCS22AT Datasheet HTML 11Page - Microchip Technology 24LCS22AT Datasheet HTML 12Page - Microchip Technology 24LCS22AT Datasheet HTML 13Page - Microchip Technology 24LCS22AT Datasheet HTML 14Page - Microchip Technology 24LCS22AT Datasheet HTML 15Page - Microchip Technology 24LCS22AT Datasheet HTML 16Page - Microchip Technology 24LCS22AT Datasheet HTML 17Page - Microchip Technology 24LCS22AT Datasheet HTML 18Page - Microchip Technology 24LCS22AT Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 26 page
background image
© 2009 Microchip Technology Inc.
DS21682E-page 15
24LCS22A
9.0
PACKAGING INFORMATION
9.1
Package Marking Information
XXXXXXXX
TXX
NNN
YYWW
8-Lead PDIP (300 mil)
Example:
24LCS22A
I/P
NNN
0145
8-Lead SOIC (3.90 mm)
Example:
*
Standard marking consists of Microchip part number, year code, week code, traceability code (facility
code, mask rev#, and assembly code).
XXXXXXXT
XX
YYWW
NNN
4LCS22AI
SN
0145
NNN
Legend: XX...X
Part number or part number code
T
Temperature (I, E)
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code (2 characters for small packages)
Pb-free JEDEC designator for Matte Tin (Sn)
Note:
For very small packages with no room for the Pb-free JEDEC designator
, the marking will only appear on the outer carton or reel label.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
3
e
3
e
3
e
3
e



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com