Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2201 Datasheet(PDF) 7 Page - Lowpower Semiconductor inc

Part # LP2201
Description  200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP2201 Datasheet(HTML) 7 Page - Lowpower Semiconductor inc

  LP2201 Datasheet HTML 1Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 2Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 3Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 4Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 5Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 6Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 7Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Preliminary Datasheet
LP2201
LP2201 – Ver. 1.2Datasheet
Jul.-2008
Page 7 of 8
temperature 125°C, TA is the ambient temperature and
the θJA is the junction to ambient thermal resistance. For
recommended operating conditions specification of
LP2201, where TJ(MAX) is the maximum junction
temperature of the die (125°C) and TA is the maximum
ambient temperature. The junction to ambient thermal
resistance (θJA is layout dependent) for SOT23-6
package is 250°C/W.
PD(MAX) = (125°C−25°C) / 250 = 400mW (SOT23-6)
PD(MAX) = (125°C−25°C) / 165 = 606mW
The maximum power dissipation depends on operating
ambient temperature for fixed TJ(MAX) and thermal
resistance θJA.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com