Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2201 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP2201
Description  200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP2201 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP2201 Datasheet HTML 1Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 2Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 3Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 4Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 5Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 6Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 7Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Preliminary Datasheet
LP2201
LP2201 – Ver. 1.2Datasheet
Jul.-2008
Page 1 of 8
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
General Description
The LP2201 is a dual channel, low noise, and low
dropout regulator sourcing up to 250mA at each
channel. The range of output voltage is from 1.2V to
3.6V by operating from 2.5V to 5.5V input.
LP2201 offers 2% accuracy, extremely low dropout
voltage (80mV @ 150mA), and extremely low ground
current, only 25µA per LDO. The shutdown current is
near zero current which is suitable for battery-power
devices. Other features include current limiting, over
temperature, output short circuit protection.
LP2201 is short circuit thermal folded back protected.
LP2201 lowers its OTP trip point from 165°C to
110°C when output short circuit occurs (VOUT <
0.4V) providing maximum safety to end users.
LP2201 can operate stably with very small ceramic
output capacitors, reducing required board space and
component cost. LP2201 is available in fixed output
voltages in the SOT-23-6 package.
Ordering Information
LP2201 -
□ □ □ □
F: Pb-Free
Package Type
B6: SOT23-6
Out1/Out2 Voltage Type
18/28: 1.8V/2.8V
18/33: 1.8V/3.3V
25/28: 2.5V/2.8V
28/28: 2.8V/2.8V
28/12: 2.8V/1.2V
28/33: 2.8V/3.3V
30/30: 3.0V/3.0V
30/33: 3.0V/3.3V
33/33: 3.3V/3.3V
Typical Application Circuit
1uF
1uF
Chip Enable
1uF
VIN
LP2201
1
4
5
6
2
3
EN1
Vout2
GND
Vout1
Vin
EN2
VOUT1
VOUT2
Features
Wide Operating Voltage Ranges : 2.5V to 5.5V 
Low-Noise for RF Application
High PSRR 65dB at 1kHz
No Noise Bypass Capacitor Required 
Fast Response in Line/Load Transient
TTL-Logic-Controlled Shutdown Input
Dual LDO Outputs (200mA/200mA)
High Output Accuracy 2%
Ultra-low Quiescent Current 27uA
Thermal Shutdown Protection
Thermal Shutdown Protection
Tiny SOT-23-6 Package
RoHS Compliant and 100% Lead (Pb)-Free
Applications
CDMA/GSM Cellular Handsets
Smart mobile phone
Battery-Powered Equipment
DSC Sensor
Wireless Card
Pin Configurations
Marking Information
Please see website.
SOT23-6 (Top View)


Similar Part No. - LP2201

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
LP2202 CIT-LP2202 Datasheet
175Kb / 2P
CIT SWITCH
logo
Lowpower Semiconductor ...
LP2202 POWER-LP2202 Datasheet
389Kb / 8P
250mA,Dual Channel Ultra-Fast CMOS LDO Regulator
logo
CIT Relay & Switch
LP2202F180N.LC01 CIT-LP2202F180N.LC01 Datasheet
175Kb / 2P
CIT SWITCH
LP2202F180N.LC02 CIT-LP2202F180N.LC02 Datasheet
175Kb / 2P
CIT SWITCH
LP2202F180N.LC03 CIT-LP2202F180N.LC03 Datasheet
175Kb / 2P
CIT SWITCH
More results

Similar Description - LP2201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RT9177 ETC-RT9177 Datasheet
262Kb / 12P
Ultra-Low-Noise 200mA LDO Regulator
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178 Datasheet
180Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
RT9185 RICHTEK-RT9185 Datasheet
184Kb / 14P
Triple, Ultra-Fast CMOS LDO Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1220 YOBON-YB1220 Datasheet
502Kb / 9P
Dual Channel 200mA LDO Regulator
logo
Richtek Technology Corp...
RT9178 RICHTEK-RT9178_08 Datasheet
153Kb / 11P
200mA, Ultra-Low Noise, Ultra-Fast CMOS LDO Regulator
logo
Seaward Electronics Inc...
SE5221 SEAWARD-SE5221 Datasheet
204Kb / 7P
Dual 200mA CMOS LDO Voltage Regulator
logo
Lowpower Semiconductor ...
LP2202 POWER-LP2202 Datasheet
389Kb / 8P
250mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP2203 POWER-LP2203 Datasheet
392Kb / 8P
200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
LP3993 POWER-LP3993 Datasheet
306Kb / 7P
200mA,Ultra-low Noise LDO Regulator
LP3995 POWER-LP3995 Datasheet
542Kb / 9P
200mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com