Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP2201 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP2201
Description  200mA,Dual Channel Ultra-Fast CMOS LDO Regulator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP2201 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP2201 Datasheet HTML 1Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 2Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 3Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 4Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 5Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 6Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 7Page - Lowpower Semiconductor inc LP2201 Datasheet HTML 8Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Preliminary Datasheet
LP2201
LP2201 – Ver. 1.2Datasheet
Jul.-2008
Page 6 of 8
Applications Information
L
ike any low-dropout regulator, the external capacitors
used with the LP2201 must be carefully selected for
regulator stability and performance. Using a capacitor
whose value is > 1µF on the LP2201 input and the
amount of capacitance can be increased without limit.
The input capacitor must be located a distance of not
more than 0.5 inch from the input pin of the IC and
returned to a clean analog ground. Any good quality
ceramic or tantalum can be used for this capacitor. The
capacitor with larger value and lower ESR (equivalent
series
resistance)
provides
better
PSRR
and
line-transient response. The output capacitor must meet
both requirements for minimum amount of capacitance
and ESR in all LDOs application. The LP2201 is designed
specifically to work with low ESR ceramic output
capacitor in space-saving and performance consideration.
Using a ceramic capacitor whose value is at least 1µF
with ESR is > 25mΩ on the LP2201 output ensures
stability. The LP2201 still works well with output capacitor
of other types due to the wide stable ESR range. Figure 1
shows the curves of allowable ESR range as a function of
load current for various output capacitor values. Output
capacitor of larger capacitance can reduce noise and
improve load transient response, stability, and PSRR.
The output capacitor should be located not more than 0.5
inch from the VOUT pin of the LP2201 and returned to a
clean analog ground.
Start-up Function Enable Function
The LP2201 features an LDO regulator enable/disable
function. To assure the LDO regulator will switch on, the
EN turn on control level must be greater than 1.2 volts.
The LDO regulator will go into the shutdown mode when
the voltage on the EN pin falls below 0.4 volts. For to
protecting
the
system,
the
LP2201
have
a
quick-discharge function. If the enable function is not
needed in a specific application, it may be tied to VIN to
keep the LDO regulator in a continuously on state.
Thermal Considerations
Thermal protection limits power dissipation in LP2201.
When the operation junction temperature exceeds 165°C,
the OTP circuit starts the thermal shutdown function turn
the pass element off. The pass element turn on again
after the junction temperature cools by 30°C. For continue
operation, do not exceed absolute maximum operation
junction temperature 125°C.
The power dissipation definition in device is :
PD = (VIN−VOUT) x IOUT + VIN x IQ
The maximum power dissipation depends on the thermal
resistance of IC package, PCB layout, the rate of
surroundings airflow and temperature difference between
junction to ambient.
The maximum power dissipation can be calculated by
following formula :
PD(MAX) = ( TJ(MAX) − TA ) /θJA
Where TJ(MAX) is the maximum operation junction



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com