Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3303 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3303
Description  High Performance, Constant Current Switching Regulator For 9PCS White LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3303 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3303 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3303 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3303 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3303 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3303 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3303 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3303 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Preliminary Datasheet
LP3303
LP3303 –03 Ver. 1.3 Datasheet
Feb.-2009
Page 1 of 7
No Schttoy,
High Performance, Constant Current Switching Regulator
For 9PCS White LED
General Description
The LP3303 is a 1.0MHz PWM boost switching
regulator designed for constant- current white LED
driver applications. The LP3303 can drive a string of
up to 8 white LEDs from a 3.6V in series, ensuring
uniform brightness and eliminating several ballast
resistors. The LP3303 implements a constant
frequency 1.0MHz PWM control scheme. The high
frequency PWM operation also saves board space
by reducing external component sizes. To improve
efficiency, the feedback voltage is set to 200mV,
which reduces the power dissipation in the current
setting resistor.
Highly
integration
and
internal
compensation
network minimizes as 3 external component counts.
Optimized
operation
frequency
can
meet
the
requirement of small LC filters value and low
operation current with high efficiency.
Ordering Information
LP3303
F:
Pb-Free
B6:SOT23-6
Pin Configurations
Features
High Efficiency: 86% 
1.2MHzFixed-Frequency PWM Operation
Maximum Output Voltage up to 28V
Operating Range : 2.7V to 16V
Shutdown Supply Current:<1uA 
Available in SOT23-6 Package 
Built-in Over Voltage Protection 
Minimize the External Component
RoHS Compliant and 100% Lead (Pb)-Free
Applications
WLED Blacklight driver
OLED Blacklight driver
PDA
DSC
Camera Flash WLED driver
Typical Application Circuit
22uH
LP3303
4
3
6
5
CTRL
FB
VIN
OUT
Rset
1uF
VIN
1uF
10R
Marking information
Please view website.


Similar Part No. - LP3303

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3301 POWER-LP3301 Datasheet
310Kb / 6P
1.5MHz Fixed-Frequency PWM Operation
LP3301S POWER-LP3301S Datasheet
544Kb / 8P
1.2MHzFixed-Frequency PWM Operation
LP3302 POWER-LP3302 Datasheet
386Kb / 13P
1.1MHz Fixed-Frequency PWM Operation
LP3302S POWER-LP3302S Datasheet
654Kb / 11P
1.1MHz Fixed-Frequency PWM Operation
LP3308 POWER-LP3308 Datasheet
439Kb / 9P
1.4MHzFixed-Frequency PWM Operation
More results

Similar Description - LP3303

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9284A RICHTEK-RT9284A Datasheet
261Kb / 14P
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
Kingbor Technology Co
KB4312 KINGBOR-KB4312 Datasheet
181Kb / 9P
Tiny Package, High Performance, Constant Current Switching Regulator for White LED
logo
uPI Group Inc.
UP6003 UPI-UP6003 Datasheet
152Kb / 11P
Tiny Package, High Performance, Constant Current Switching Regulator
logo
Diodes Incorporated
BCR401UW6 DIODES-BCR401UW6_17 Datasheet
454Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 3
BCR402UW6 DIODES-BCR402UW6_18 Datasheet
684Kb / 13P
LED CONSTANT CURRENT REGULATOR
Rev 5
logo
Feeling Technology Corp...
FP7102 FEELING-FP7102 Datasheet
394Kb / 12P
28V, 2A Buck Constant Current Switching Regulator for White LED
FP7103 FEELING-FP7103 Datasheet
633Kb / 12P
28V, 3A Buck Constant Current Switching Regulator for White LED
FP7201 FEELING-FP7201 Datasheet
770Kb / 14P
Constant Current Switching Regulator for White LED
logo
Lowpower Semiconductor ...
LP3310 POWER-LP3310 Datasheet
388Kb / 9P
High Performance, Constant Current Switching Regulator For 8PCS White LED In Series
LP3320 POWER-LP3320 Datasheet
384Kb / 9P
High Performance, Constant Current Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com