Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3303 Datasheet(PDF) 6 Page - Lowpower Semiconductor inc

Part # LP3303
Description  High Performance, Constant Current Switching Regulator For 9PCS White LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3303 Datasheet(HTML) 6 Page - Lowpower Semiconductor inc

  LP3303 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3303 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3303 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3303 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3303 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3303 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3303 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Preliminary Datasheet
LP3303
LP3303 –03 Ver. 1.3 Datasheet
Feb.-2009
Page 6 of 7
Applications Information
LED Current Control
The LP3303 regulates the LED current by setting
the current sense resistor (Rset) connecting to
feedback and ground. The internal feedback
reference voltage is 200mV. The LED current can
be set from following equation easily.
ILED(mA)=200mV/Rset
In order to have an accurate LED current, precision
resistors are preferred (1% is recommended). The
table for Rset selection is shown below.
Rset Resistor Value selection
ILED(mA)
RSET(Ω)
20
10
15
13.3
12
16.6
10
20
5
40
Inductor Selection
The recommended value of inductor for 2 to 8
WLEDs applications are 4.7 to 22µH. Small size
and better efficiency are the major concerns for
portable device, such as LP3303 used for mobile
phone. The inductor should have low core loss at
1.4MHz and low DCR for better efficiency. To
avoid inductor saturation current rating should be
considered.
Dimming control
a. Using a PWM Signal to CTRL Pin
For controlling the LED brightness, the LP3303 can
perform the dimming control by applying a PWM
signal to CTRL pin. The internal soft-start and wide
range dimming frequency from 100Hz to 50KHz
can insignificantly reduce audio noise when
dimming. The average LED current is proportional
to the PWM signal duty cycle. The magnitude of the
PWM signal should be higher than the maximum
enable voltage of CTRL pin, in order to let the
dimming control perform correctly.
Rset
LP3303
4
3
6
5
CTRL
FB
VIN
OUT
10R
VIN
22uH
PWM
1uF
1uF
b. Using a DC Voltage
Using a variable DC voltage to adjust the brightness
is a popular method in some applications. The
dimming control using a DC voltage circuit is
shown in Figure 4. According to the Superposition
Theorem, as the DC voltage increases, the voltage
contributed to VFB increases and the voltage drop
on RSET decreases, i.e. the LED current decreases.
For example, if the VDC range is from 0V to 2.8V,
the selection of resistors in Figure 4 sets dimming
control of LED current from 20mA to 0mA.
10R
1uF
Rset
OFF
VIN
R2
R1
(0-2.8V)
1uF
LP3303
4
3
6
5
CTRL
FB
VIN
OUT
5K
ON
22uH
90K
VDC
c. Using a Filtered PWM signal
Another common application is using a filtered
PWM signal as an adjustable DC voltage for LED
dimming control. A filtered PWM signal acts as the
DC voltage to regulate the output current. The
recommended application circuit is shown in the
Figure 6. In this circuit, the output ripple depends
on the frequency of PWM signal. For smaller output
voltage
ripple (<100mV), the recommended
frequency of 2.8V PWM signal should be above
2kHz. To fix the frequency of PWM signal and
change the duty cycle of PWM signal can get
different
output
current.
According
to
the
application circuit of Figure 5, output current is
from 20.5mA to 5.5mA by adjusting the PWM duty
cycle from 10% to 90%.
R2
(0-100KHz)
LP3303
4
3
6
5
CTRL
FB
VIN
OUT
VIN
1uF
PWM
R1
ON
22uH
0.1uF
1uF
R3
Rset
OFF
100K
90K
10R
5K
C1



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com