Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3303 Datasheet(PDF) 2 Page - Lowpower Semiconductor inc

Part # LP3303
Description  High Performance, Constant Current Switching Regulator For 9PCS White LED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3303 Datasheet(HTML) 2 Page - Lowpower Semiconductor inc

  LP3303 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3303 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3303 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3303 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3303 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3303 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3303 Datasheet HTML 7Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Preliminary Datasheet
LP3303
LP3303 –03 Ver. 1.3 Datasheet
Feb.-2009
Page 2 of 7
Functional pin description
SOT-23-6
Pin Name
Pin Function
1
SW
Switch Pin. Connect this Pin to inductor and catch diode. Minimize the track area
to reduce EMI.
2
GND
Ground Pin
3
FB
Feedback Reference Voltage Pin. Series connect a resistor between WLED and
ground as a current sense. Sense the current feedback voltage to set the current
rating.
4
CTRL
Chip Enable (Active High) and dimming Control pin.
5
OUT
Output Pin.Connect to output capacitor and LEDs.Minimize trace between this
pin and output capacitor to reduce EMI.
6
VIN
Supply Input Voltage Pin. Bypass 1uF X5R or X7R capacitor to GND to reduce
the input noise.
Function Block Diagram
Absolute Maximum Ratings
Supply Input Voltage(VIN)-------------------------------------------------------------------------------------------−0.3V to 16V
LX Input Voltage --------------------------------------------------------------------------------------------------------−0.3V to 36V
OUT Pin Voltage---------------------------------------------------------------------------------------------------------−0.3V to 29V
CTRL Pin Voltage-------------------------------------------------------------------------------------------------------−0.3V to 10V
FB Pins -------------------------------------------------------------------------------------------------------------------−0.3V to 2.0V
Power Dissipation, PD @ TA = 25°C SOT-23-5 ------------------------------------------------------------------------0.455W
Lead Temperature (Soldering, 10 sec.) ------------------------------------------------------------------------------------ 260°C
Operation Temperature Range ---------------------------------------------------------------------------------
40°C to 80°C
Storage Temperature Range ----------------------------------------------------------------------------------------
65°C to 150°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com