Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3203 Datasheet(PDF) 8 Page - Lowpower Semiconductor inc

Part # LP3203
Description  1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3203 Datasheet(HTML) 8 Page - Lowpower Semiconductor inc

Back Button LP3203 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 9Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 10Page - Lowpower Semiconductor inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
Preliminary Datasheet
LP3203
LP3203 – Ver. 1.0 Datasheet
Dec.-2006
Page 8 of 10
Efficiency= 100%- (L1+L2+L3…)
Where L1、L2, etc. are the individual losses as a percentage of
Input power .although all dissipative elements in the for most
of losses: VIN quiescent current and 1
2R loss dominates the
efficiency loss at medium to high load currents. In a typical
efficiency plot, the efficiency curve at very low load currents
can be misleading since the actual power lost is of no
consequence.
1.The VIN quiescent current is due to two components:
the DC Bias current as given in the electrical
characteristics and the Internal main switch and
synchronous switch gate charge currents. the gate
charge
current
results
from switching
the
gate
capacitance
of
the
internal
power
MOSFET
switches .Each time the gate charge current. results
from switching the gate capacitance of the internal
power MOSFET switches. Each time the gate is
switches from high to low to high again, a packet of
charge △Q moves from VIN to ground.
The resulting △Q/△t is the current out of VIN that is typically
larger than the DC bias current. In
continuous mode.
LGATCHG=f(QT+QB)
Where QT and QB are the gate charges of the internal top and
bottom switches. Both the DC bias and gate charge losses are
proportional to VIN and thus their effects will be more
pronounced at higher supply voltages.
2. 1
2Rlosses tae calculated from the resistances of the internal
switches, RSW and external inductor RL. in continuous mode
the average output current flowing through inductor L is
“chopped” between the main switch and the synchronous
switch. Thus, the series resistance looking into the LX pin is a
function of both top and bottom MOSFER RDS(ON) and the duty
cycle (DC) as follows:
The RDS(ON) for both the top and bottom MOSFETS can be
obtained from the typical performance characteristics curves.
thus, to obtain 1
2R losses, simply add R
SW to RL and multiply
the square of the average output current.
Other losses including CIN and COUT ESR dissipative
losses and inductor core losses generally account for
less than 2% of the total loss.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com