Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3203 Datasheet(PDF) 4 Page - Lowpower Semiconductor inc

Part # LP3203
Description  1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3203 Datasheet(HTML) 4 Page - Lowpower Semiconductor inc

  LP3203 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Preliminary Datasheet
LP3203
LP3203 – Ver. 1.0 Datasheet
Dec.-2006
Page 4 of 10
Electrical Characteristics
(VIN = 3.6V, VOUT = 2.5V, VREF = 0.6V, L = 2.2µH, CIN= 4.7µF, COUT= 10µF, TA= 25°C, IMAX = 600mA
unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Units
Input Voltage Range
VIN
2.5
5.5
V
Quiescent Current
IQ
IOUT = 0mA, VFB = VREF + 5%
150
200
uA
Shutdown Current
ISHDN
EN = GND
0.1
1
uA
Reference Voltage
VREF
For adjustable output voltage
0.58
0.6
0.62
V
Adjustable Output Range
VOUT
VREF
VIN −
0.2
V
Δ
VOUT
VIN = 2.2 to 5.5V, VOUT = 1.2V 0A <
IOUT < 600mA
−
3
+3
%
Δ
VOUT
VIN = 2.2 to 5.5V, VOUT = 1.5V 0A <
IOUT < 600mA
−
3
+3
%
Output
Voltage
Δ
VOUT
VIN = 2.2 to 5.5V, VOUT = 1.8V 0A <
IOUT < 600mA
−
3
+3
%
Accuracy
Δ
VOUT
VIN = 2.8 to 5.5V, VOUT = 2.5V 0A <
IOUT < 600mA
−
3
+3
%
Fixed
Δ
VOUT
VIN = 3.5 to 5.5V, VOUT = 3.3V 0A <
IOUT < 600mA
−
3
+3
%
Δ
VOUT
VIN = VOUT + 0.2V to 5.5V, VIN ≧
3.5V 0A < IOUT < 600mA
−
3
+3
%
Adjustable
Δ
VOUT
VIN = VOUT + 0.4V to 5.5V, VIN ≧
2.2V 0A < IOUT < 600mA
−
3
+3
%
FB Input
Current
IFB
VFB =
VIN
-30
30
nA
PMOSFET
RON
PRDS(ON)
IOUT =
200mA
VIN = 3.6V
0.4
0.58
Ω
NMOSFET
RON
NRDS(ON)
IOUT =
200mA
VIN = 3.6V
0.35
Ω
P-Channel
Current Limit
IP(LM)
VIN =2.2
to 5.5V
0.9
1
1.5
A
EN
Threshold
VEN
0.4
1.5
V
EN Leakage
Current
VENL
--
2
uA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com