Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3203 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3203
Description  1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3203 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3203 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3203 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary Datasheet
LP3203
LP3203 – Ver. 1.0 Datasheet
Dec.-2006
Page 1 of 10
1.5MHZ,600mA,High Efficiency Synchronous
PWM Step-Down DC/DC Convert
General Description
The LP3203 is a constant frequency, current mode,
PWM step-down converter. The device integrates a
main switch and a synchronous rectifier for high
efficiency. The 2.1V to 5.5V input voltage range makes
the LP3203 is ideally suited for portable electronic
devices that are powered from 1-cell Li-ion battery or
from other power sources within the range such as
cellular phones, PDAs and handy-terminals. Internal
synchronous rectifier with low RDS(ON) dramatically
reduces conduction loss at PWM mode. The internal
synchronous switch increases efficiency while
eliminate the need for an external Schottky diode.The
switching ripple is easily smoothed-out by small
package filtering elements due to a fixed operation
frequency of 1.5MHz. This along with small
TSOT-23-5 package provide small PCB area
application. Other features include soft start, lower
internal reference voltage with 2% accuracy, over
temperature protection, and over current protection。
Ordering Information
LP3203 -
□ □ □ □
□
F: Pb-Free
Package Type
J5: TSOT23-5
Output Voltage Type
A:
Adjustable type
12:
1.2V
15:
1.5V
18:
1.8V
25:
2.5V
33:
3.3V
Features
◆ High Efficiency: 93%  
◆ 1.5MHz Fixed-Frequency PWM Operation
◆ Adjustable Output From 0.6V to VIN  
◆ 1.2V, 1.5V, 1.8V, 2.5V, 2.8V and 3.3V Fixed
◆ 600mA Output Current, 1.1A Peak Current
◆ No Schottky Diode Required
◆ 100% Duty Cycle Low Dropout Operation
◆ Available in TSOT23-5 Package  
◆ Short Circuit and Thermal Protection  
◆ Over Voltage Protection  
◆ Low than 1µA Shutdown Current
Applications
Portable Media Players/MP3 players
Cellular and Smart mobile phone
PDA
DSC
Wireless Card
Pin Configurations
Marking Information
Please see website.


Similar Part No. - LP3203

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3201 POWER-LP3201 Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
LP3201-12B5F POWER-LP3201-12B5F Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
LP3201-18B5F POWER-LP3201-18B5F Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
LP3201-33B5F POWER-LP3201-33B5F Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
LP3201AB5F POWER-LP3201AB5F Datasheet
425Kb / 10P
1.5MHz, 1A Step-Down Converter
More results

Similar Description - LP3203

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8008 RICHTEK-RT8008 Datasheet
211Kb / 14P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Lowpower Semiconductor ...
LP3204 POWER-LP3204 Datasheet
761Kb / 11P
1.5MHz, 800mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3202 POWER-LP3202 Datasheet
759Kb / 11P
1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3205 POWER-LP3205 Datasheet
358Kb / 10P
1.5MHZ,800mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
Richtek Technology Corp...
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500 Datasheet
368Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Linear Technology
LTC3407A LINER-LTC3407A_15 Datasheet
294Kb / 16P
Dual Synchronous 600mA, 1.5MHz Step-Down DC/DC Regulator
logo
Analog Microelectronics
AME5252 AME-AME5252 Datasheet
158Kb / 18P
Dual Synchronous, 600mA, 1.5MHz Step-Down DC/DC Converter
logo
Union Semiconductor, In...
UM3500 UNIONSEMI-UM3500_16 Datasheet
450Kb / 11P
600mA, 1.5MHz, Synchronous Step-Down DC-DC Converter
logo
Fitipower Integrated Te...
FP6366 FITIPOWER-FP6366 Datasheet
525Kb / 9P
1.5MHz, 600mA, High-Efficiency PWM Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com