Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3205 Datasheet(PDF) 1 Page - Lowpower Semiconductor inc

Part # LP3205
Description  1.5MHZ,800mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER [Lowpower Semiconductor inc]
Direct Link  http://www.lowpowersemi.com
Logo POWER - Lowpower Semiconductor inc

LP3205 Datasheet(HTML) 1 Page - Lowpower Semiconductor inc

  LP3205 Datasheet HTML 1Page - Lowpower Semiconductor inc LP3205 Datasheet HTML 2Page - Lowpower Semiconductor inc LP3205 Datasheet HTML 3Page - Lowpower Semiconductor inc LP3205 Datasheet HTML 4Page - Lowpower Semiconductor inc LP3205 Datasheet HTML 5Page - Lowpower Semiconductor inc LP3205 Datasheet HTML 6Page - Lowpower Semiconductor inc LP3205 Datasheet HTML 7Page - Lowpower Semiconductor inc LP3205 Datasheet HTML 8Page - Lowpower Semiconductor inc LP3205 Datasheet HTML 9Page - Lowpower Semiconductor inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Preliminary Datasheet
LP3205
LP3205 – Ver. 1.0 Datasheet
Feb.-2007
Page 1 of 10
1.5MHZ,800mA,High Efficiency Synchronous
PWM Step-Down DC/DC Convert
General Description
The LP3205 is a constant frequency, current mode,
PWM step-down converter. The device integrates a
main switch and a synchronous rectifier for high
efficiency. The 2.5V to 5.5V input voltage range makes
the LP3205 is ideally suited for portable electronic
devices that are powered from 1-cell Li-ion battery or
from other power sources within the range such as
cellular phones, PDAs and handy-terminals. Internal
synchronous rectifier with low RDS(ON) dramatically
reduces conduction loss at PWM mode. The internal
synchronous switch increases efficiency while
eliminate the need for an external Schottky diode.The
switching ripple is easily smoothed-out by small
package filtering elements due to a fixed operation
frequency of 1.5MHz. This along with small SOT-23-5
package provide small PCB area application. Other
features include soft start, lower internal reference
voltage with 2% accuracy, over temperature protection,
and over current protection。
Ordering Information
LP3205 -
□ □ □ □
□
F: Pb-Free
Package Type
B5: SOT23-5
J5: SOT23-5
Output Voltage Type
A:
Adjustable type
12:
1.2V
15:
1.5V
18:
1.8V
25:
2.5V
33:
3.3V
Features
◆ High Efficiency: 93%  
◆ 1.5MHz Fixed-Frequency PWM Operation
◆ Adjustable Output From 0.6V to VIN  
◆ 1.2V, 1.5V, 1.8V, 2.5V, 3.0Vand 3.3V Fixed
◆ 800mA Output Current, 1.1A Peak Current
◆ No Schottky Diode Required
◆ 95% Duty Cycle Low Dropout Operation
◆ Available in SOT23-5/TSOT23-5 Package  
◆ Short Circuit and Thermal Protection  
◆ Low than 1µA Shutdown Current
Applications
Portable Media Players
Cellular and Smart mobile phone
PDA
DSC
Wireless Card
Pin Configurations
Marking Information
Please see website.


Similar Part No. - LP3205

ManufacturerPart #DatasheetDescription
logo
Lowpower Semiconductor ...
LP3205F POWER-LP3205F Datasheet
1Mb / 10P
1.5MHz Fixed-Frequency PWM Operation
More results

Similar Description - LP3205

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT8010B RICHTEK-RT8010B Datasheet
255Kb / 12P
1.5MHz, 800mA, High Efficiency PWM Step-Down DC/DC Converter
logo
Lowpower Semiconductor ...
LP3204 POWER-LP3204 Datasheet
761Kb / 11P
1.5MHz, 800mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3202 POWER-LP3202 Datasheet
759Kb / 11P
1.5MHz, 650mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
LP3203 POWER-LP3203 Datasheet
360Kb / 10P
1.5MHZ,600mA,High Efficiency Synchronous PWM Step-Down DC/DC Convert
logo
ELM Technology Corporat...
ELM600LA ELM-TECH-ELM600LA Datasheet
2Mb / 10P
ELM600LA 800mA 1.4MHz high efficiency synchronous PWM step down DC/DC converter
logo
Richtek Technology Corp...
RT8016L RICHTEK-RT8016L Datasheet
246Kb / 13P
1.5MHz, 600mA, High Efficiency PWM Step-Down DC/DC Converter
RT8024 RICHTEK-RT8024 Datasheet
369Kb / 13P
1.5MHz, 400mA, High Efficiency PWM Step-Down DC/DC Converter
logo
BCD Semiconductor Manuf...
AUR9703 BCDSEMI-AUR9703 Datasheet
892Kb / 20P
1.5MHz, 800mA, STEP DOWN DC-DC CONVERTER
logo
ELM Electronics
ELM603 ELM-ELM603 Datasheet
1Mb / 7P
1.5A 1.5MHz high efficiency PWM step down DC/DC converter
logo
Fitipower Integrated Te...
FP6367 FITIPOWER-FP6367 Datasheet
575Kb / 9P
1.5MHz, 800mA, High-Efficiency PWM Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com