Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 11 Page - Motorola, Inc

Part # LM2575
Description  EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2575 Datasheet(HTML) 11 Page - Motorola, Inc

Back Button LM2575 Datasheet HTML 7Page - Motorola, Inc LM2575 Datasheet HTML 8Page - Motorola, Inc LM2575 Datasheet HTML 9Page - Motorola, Inc LM2575 Datasheet HTML 10Page - Motorola, Inc LM2575 Datasheet HTML 11Page - Motorola, Inc LM2575 Datasheet HTML 12Page - Motorola, Inc LM2575 Datasheet HTML 13Page - Motorola, Inc LM2575 Datasheet HTML 14Page - Motorola, Inc LM2575 Datasheet HTML 15Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
LM2575
11
MOTOROLA ANALOG IC DEVICE DATA
Procedure (Adjustable Output Version: LM2575–Adj) (continued)
Procedure
Example
4. Inductor Selection (L1)
A. Use the following formula to calculate the inductor Volt x
microsecond [V x
µs] constant:
B. Match the calculated E x T value with the corresponding
number on the vertical axis of the Inductor Value Selection
Guide shown in Figure 21. This E x T constant is a measure
of the energy handling capability of an inductor and is
dependent upon the type of core, the core area, the number
of turns, and the duty cycle.
C. Next step is to identify the inductance region intersected by
the E x T value and the maximum load current value on the
horizontal axis shown in Figure 21.
D. From the inductor code, identify the inductor value. Then
select an appropriate inductor from the Table 1 or Table 2.
The inductor chosen must be rated for a switching
frequency of 52 kHz and for a current rating of 1.15 x IIoad.
The inductor current rating can also be determined by
calculating the inductor peak current
:
where ton is the “on” time of the power switch and
For additional information about the inductor, see the
inductor section in the “External Components” section of
this data sheet.
ExT
+ V
in
–Vout
Vout
Von
x
106
F[Hz]
[V x
ms]
I
p(max)
+ I
Load(max) )
V
in
–Vout ton
2L
ton +
Vout
V
in
x
1
fosc
4. Inductor Selection (L1)
A. Calculate E x T [V x
µs] constant:
B. E x T = 51 [V x
µs]
C. ILoad(max) = 1.0 A
Inductance Region = L220
D. Proper inductor value = 220
µH
Choose the inductor from the Table 1 or Table 2.
ExT
+ (12 – 8.0) x 8.0
12
x
1000
52
+ 51 [V x ms]
5. Output Capacitor Selection (Cout)
A. Since the LM2575 is a forward–mode switching regulator
with voltage mode control, its open loop 2–pole–2–zero
frequency characteristic has the dominant pole–pair
determined by the output capacitor and inductor values.
For stable operation, the capacitor must satisfy the
following requirement:
B. Capacitor values between 10
µF and 2000 µF will satisfy
the loop requirements for stable operation. To achieve an
acceptable output ripple voltage and transient response, the
output capacitor may need to be several times larger than
the above formula yields.
C. Due to the fact that the higher voltage electrolytic capacitors
generally have lower ESR (Equivalent Series Resistance)
numbers, the output capacitor’s voltage rating should be at
least 1.5 times greater than the output voltage. For a 5.0 V
regulator, a rating of at least 8V is appropriate, and a 10 V
or 16 V rating is recommended.
C
out w
7.785
V
in(max)
Vout xL [µH]
[
µF]
5. Output Capacitor Selection (Cout)
A.
To achieve an acceptable ripple voltage, select
Cout = 100 µF electrolytic capacitor.
C
out w
7.785
12
8.220
+ 53 µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com