Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 18 Page - Motorola, Inc

Part # LM2575
Description  EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2575 Datasheet(HTML) 18 Page - Motorola, Inc

Back Button LM2575 Datasheet HTML 14Page - Motorola, Inc LM2575 Datasheet HTML 15Page - Motorola, Inc LM2575 Datasheet HTML 16Page - Motorola, Inc LM2575 Datasheet HTML 17Page - Motorola, Inc LM2575 Datasheet HTML 18Page - Motorola, Inc LM2575 Datasheet HTML 19Page - Motorola, Inc LM2575 Datasheet HTML 20Page - Motorola, Inc LM2575 Datasheet HTML 21Page - Motorola, Inc LM2575 Datasheet HTML 22Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
LM2575
18
MOTOROLA ANALOG IC DEVICE DATA
Packages on a Heatsink
If the actual operating junction temperature is greater than
the selected safe operating junction temperature determined
in step 3, than a heatsink is required. The junction
temperature will be calculated as follows:
TJ = PD (R
θJA + RθCS + RθSA) + TA
where
R
θJC is the thermal resistance junction–case,
R
θCS is the thermal resistance case–heatsink,
R
θSA is the thermal resistance heatsink–ambient.
If the actual operating temperature is greater than the
selected safe operating junction temperature, then a larger
heatsink is required.
Some Aspects That can Influence Thermal Design
It should be noted that the package thermal resistance and
the junction temperature rise numbers are all approximate,
and there are many factors that will affect these numbers,
such as PC board size, shape, thickness, physical position,
location, board temperature, as well as whether the
surrounding air is moving or still.
Other factors are trace width, total printed circuit copper
area, copper thickness, single– or double–sided, multilayer
board, the amount of solder on the board or even colour of
the traces.
The size, quantity and spacing of other components on
the board can also influence its effectiveness to dissipate
the heat.
Figure 25. Inverting Buck–Boost Regulator Using the
LM2575–12 Develops –12 V @ 0.35 A
D1
1N5819
L1
100
µH
Output
2
4
Feedback
Unregulated
DC Input
12 V to 25 V
Cin
100
µF
/50 V
1
5
3ON/OFF
Gnd
+Vin
Regulated
Output
–12 V @ 0.35 A
Cout
1800
µF
/16 V
LM2575–12
ADDITIONAL APPLICATIONS
Inverting Regulator
An inverting buck–boost regulator using the LM2575–12 is
shown in Figure 25. This circuit converts a positive input
voltage to a negative output voltage with a common ground
by bootstrapping the regulators ground to the negative output
voltage. By grounding the feedback pin, the regulator senses
the inverted output voltage and regulates it.
In this example the LM2575–12 is used to generate a
–12 V output. The maximum input voltage in this case
cannot exceed +28 V because the maximum voltage
appearing across the regulator is the absolute sum of the
input and output voltages and this must be limited to a
maximum of 40 V.
This circuit configuration is able to deliver approximately
0.35 A to the output when the input voltage is 12 V or higher.
At lighter loads the minimum input voltage required drops to
approximately 4.7 V, because the buck–boost regulator
topology can produce an output voltage that, in its absolute
value, is either greater or less than the input voltage.
Since the switch currents in this buck–boost configuration
are higher than in the standard buck converter topology, the
available output current is lower.
This type of buck–boost inverting regulator can also
require a larger amount of startup input current, even for light
loads. This may overload an input power source with a
current limit less than 1.5 A.
Such an amount of input startup current is needed for at
least 2.0 ms or more. The actual time depends on the output
voltage and size of the output capacitor.
Because of the relatively high startup currents required by
this inverting regulator topology, the use of a delayed startup
or an undervoltage lockout circuit is recommended.
Using a delayed startup arrangement, the input capacitor
can charge up to a higher voltage before the switch–mode
regulator begins to operate.
The high input current needed for startup is now partially
supplied by the input capacitor Cin.
Design Recommendations:
The inverting regulator operates in a different manner than
the buck converter and so a different design procedure has to
be used to select the inductor L1 or the output capacitor Cout.
The output capacitor values must be larger than is
normally required for buck converter designs. Low input
voltages or high output currents require a large value output
capacitor (in the range of thousands of
µF).
The recommended range of inductor values for the
inverting converter design is between 68
µH and 220 µH. To
select an inductor with an appropriate current rating, the
inductor peak current has to be calculated.
The following formula is used to obtain the peak inductor
current:
where ton +
|V
O
|
V
in )
|V
O
|
x
1
fosc
, and fosc + 52 kHz.
I
peak [
I
Load
(V
in )
|V
O
|)
V
in
)
V
in
xton
2L
1
Under normal continuous inductor current operating
conditions, the worst case occurs when Vin is minimal.
Note that the voltage appearing across the regulator is the
absolute sum of the input and output voltage, and must not
exceed 40 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com