Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2575 Datasheet(PDF) 12 Page - Motorola, Inc

Part # LM2575
Description  EASY SWITCHERE??1.0 A STEP-DOWN VOLTAGE REGULATOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

LM2575 Datasheet(HTML) 12 Page - Motorola, Inc

Back Button LM2575 Datasheet HTML 8Page - Motorola, Inc LM2575 Datasheet HTML 9Page - Motorola, Inc LM2575 Datasheet HTML 10Page - Motorola, Inc LM2575 Datasheet HTML 11Page - Motorola, Inc LM2575 Datasheet HTML 12Page - Motorola, Inc LM2575 Datasheet HTML 13Page - Motorola, Inc LM2575 Datasheet HTML 14Page - Motorola, Inc LM2575 Datasheet HTML 15Page - Motorola, Inc LM2575 Datasheet HTML 16Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
LM2575
12
MOTOROLA ANALOG IC DEVICE DATA
INDUCTOR VALUE SELECTION GUIDE
IL, MAXIMUM LOAD CURRENT (A)
IL, MAXIMUM LOAD CURRENT (A)
IL, MAXIMUM LOAD CURRENT (A)
0.2
60
0.2
60
0.2
200
0.2
60
0.2
60
IL, MAXIMUM LOAD CURRENT (A)
Figure 17. LM2575–3.3
IL, MAXIMUM LOAD CURRENT (A)
Figure 18. LM2575–5.0
Figure 19. LM2575–12
Figure 20. LM2575–15
Figure 21. LM2575–Adj
NOTE:
This Inductor Value Selection Guide is applicable for continuous mode only.
H1500
H1000
L680
L470
L330
L150
H1000
L100
L680
L470
L330
L220
L150
H1500
H1000
H1500
H1000
H680
H470
H680
H680
H2200
H2200
H2200
H1500
H1000
H470
H470
L330
L220
L150
L680
L680
L680
L470
L470
L470
L100
L220
L220
L330
L330
40
40
150
20
35
25
125
40
15
30
20
100
30
10
25
15
80
25
8.0
22
12
70
20
7.0
20
10
60
18
6.0
19
9.0
50
17
18
8.0
40
16
17
7.0
20
14
5.0
0.3
0.3
0.3
0.3
0.3
0.4
0.4
0.4
0.4
0.4
0.5
0.5
0.5
0.5
0.5
0.6
0.6
0.6
0.6
0.6
0.7
0.7
0.7
0.7
0.8
0.8
0.8
0.8
0.8
0.9
0.9
0.9
0.9
1.0
1.0
1.0
1.0
1.0
15
30
L220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com