Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

25LC640A-E/MF Datasheet(PDF) 1 Page - Microchip Technology

Part # 25LC640A-E/MF
Description  64K SPI Bus Serial EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

25LC640A-E/MF Datasheet(HTML) 1 Page - Microchip Technology

  25LC640A-E/MF Datasheet HTML 1Page - Microchip Technology 25LC640A-E/MF Datasheet HTML 2Page - Microchip Technology 25LC640A-E/MF Datasheet HTML 3Page - Microchip Technology 25LC640A-E/MF Datasheet HTML 4Page - Microchip Technology 25LC640A-E/MF Datasheet HTML 5Page - Microchip Technology 25LC640A-E/MF Datasheet HTML 6Page - Microchip Technology 25LC640A-E/MF Datasheet HTML 7Page - Microchip Technology 25LC640A-E/MF Datasheet HTML 8Page - Microchip Technology 25LC640A-E/MF Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
© 2008 Microchip Technology Inc.
DS21830D-page 1
25AA640A/25LC640A
Device Selection Table
Features:
• Max. Clock 10 MHz
• Low-Power CMOS Technology
- Max. Write Current: 5 mA at 5.5V, 10 MHz
- Read Current: 5 mA at 5.5V, 10 MHz
- Standby Current: 1
μA at 5.5V
• 8192 x 8-bit Organization
• 32 Byte Page
• Self-Timed Erase and Write Cycles (5 ms max.)
• Block Write Protection
- Protect none, 1/4, 1/2 or all of array
• Built-In Write Protection
- Power-on/off data protection circuitry
- Write enable latch
- Write-protect pin
• Sequential Read
• High Reliability
- Endurance: 1,000,000 erase/write cycles
- Data retention: > 200 years
- ESD protection: > 4000V
• Temperature Ranges Supported:
Description:
The Microchip Technology Inc. 25AA640A/25LC640A
(25XX640A*) are 64 kbit Serial Electrically Erasable
PROMs. The memory is accessed via a simple Serial
Peripheral Interface (SPI) compatible serial bus. The
bus signals required are a clock input (SCK) plus sep-
arate data in (SI) and data out (SO) lines. Access to the
device is controlled through a Chip Select (CS) input.
Communication to the device can be paused via the
hold pin (HOLD). While the device is paused, transi-
tions on its inputs will be ignored, with the exception of
Chip Select, allowing the host to service higher priority
interrupts.
The 25XX640A is available in standard packages
including 8-lead PDIP and SOIC, and advanced
packaging including 8-lead MSOP, 8-lead TSSOP, DFN
and TDFN.
Package Types (not to scale)
Part Number
VCC Range
Page Size
Temp. Ranges
Packages
25LC640A
2.5-5.5V
32 Byte
I,E
P, SN, ST, MS, MF, MNY
25AA640A
1.8-5.5V
32 Byte
I
P, SN, ST, MS, MF, MNY
- Industrial (I):
-40
°Cto +85°C
- Automotive (E):
-40°C to +125°C
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
PDIP/SOIC
(P, SN)
TSSOP/MSOP
CS
SO
WP
VSS
1
2
3
4
8
7
6
5
VCC
HOLD
SCK
SI
(ST, MS)
X-Rotated TSSOP
HOLD
VCC
CS
SO
1
2
3
4
8
7
6
5
SCK
SI
VSS
WP
(X/ST)
DFN/TDFN
CS
SO
WP
VSS
HOLD
SCK
SI
5
6
7
8
4
3
2
1
VCC
(MF/MNY)
64K SPI Bus Serial EEPROM
* 25XX640A is used in this document as a generic part number
for the 25AA640A, 25LC640A devices.


Similar Part No. - 25LC640A-E/MF

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
25LC640A-H/SN MICROCHIP-25LC640A-H/SN Datasheet
358Kb / 24P
8K-256K SPI Serial EEPROM High Temp Family Data Sheet
2009
25LC640A-M/SN MICROCHIP-25LC640A-M/SN Datasheet
335Kb / 24P
64K SPI Bus Serial EEPROM Extended (M) Operating Temperatures
2009
More results

Similar Description - 25LC640A-E/MF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NM25C640 FAIRCHILD-NM25C640 Datasheet
93Kb / 10P
64K-Bit Serial CMOS EEPROM (Serial Peripheral Interface (SPI) Synchronous Bus)
logo
Microchip Technology
25AA640 MICROCHIP-25AA640 Datasheet
196Kb / 12P
64K SPI Bus Serial EEPROM
1997
25AA640 MICROCHIP-25AA640_04 Datasheet
341Kb / 24P
64K SPI Bus Serial EEPROM
2004
logo
Catalyst Semiconductor
CAT25C64 CATALYST-CAT25C64_06 Datasheet
413Kb / 16P
64K-Bit SPI Serial CMOS EEPROM
logo
Microchip Technology
25AA640 MICROCHIP-25AA640_08 Datasheet
383Kb / 24P
64K SPI Bus Serial EEPROM
2008
25LC640A MICROCHIP-25LC640A Datasheet
335Kb / 24P
64K SPI Bus Serial EEPROM Extended (M) Operating Temperatures
2009
logo
Sanyo Semicon Device
LE25LB643 SANYO-LE25LB643_10 Datasheet
255Kb / 14P
Serial SPI EEPROM (SPI Bus) (64Kbit)
LE25LB1282TT SANYO-LE25LB1282TT Datasheet
256Kb / 14P
Serial SPI EEPROM (SPI Bus)(128Kbit)
logo
Microchip Technology
25LC640-ISN MICROCHIP-25LC640-ISN Datasheet
383Kb / 24P
64K SPI Bus Serial EEPROM
2008
25AA640A MICROCHIP-25AA640A_12 Datasheet
1,018Kb / 36P
64K SPI Bus Serial EEPROM
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com