Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3551-E/MS Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP3551-E/MS
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3551-E/MS Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP3551-E/MS Datasheet HTML 18Page - Microchip Technology MCP3551-E/MS Datasheet HTML 19Page - Microchip Technology MCP3551-E/MS Datasheet HTML 20Page - Microchip Technology MCP3551-E/MS Datasheet HTML 21Page - Microchip Technology MCP3551-E/MS Datasheet HTML 22Page - Microchip Technology MCP3551-E/MS Datasheet HTML 23Page - Microchip Technology MCP3551-E/MS Datasheet HTML 24Page - Microchip Technology MCP3551-E/MS Datasheet HTML 25Page - Microchip Technology MCP3551-E/MS Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
MCP3550/1/3
DS21950E-page 22
© 2009 Microchip Technology Inc.
5.2
Controlling Internal Conversions
and the Internal Oscillator
During Shutdown mode, on the falling edge of CS, the
conversion process begins. During this process, the
internal oscillator clocks the delta-sigma modulator and
the SINC filter until a conversion is complete. This
conversion time is tCONV and the timing is shown in
Figure 5-2. At the end of tCONV, the digital filter has
settled completely and there is no latency involved with
the digital SINC filter of the MCP3550/1/3.
The two modes of conversion for the MCP3550/1/3
devices are Single Conversion and Continuous
Conversion. In Single Conversion mode, a consecutive
conversion will not automatically begin. Instead, after a
single conversion is complete and the SINC filter have
settled, the device puts the data into the output register
and enters shutdown.
In Continuous Conversion mode, a consecutive
conversion will be automatic. In this mode, the device
is continuously converting, independent of the serial
interface. The most recent conversion data will always
be available in the Output register.
When the device exits Shutdown, there is an internal
power-up delay that must be observed.
FIGURE 5-2:
Single Conversion Mode.
FIGURE 5-3:
Continuous Conversion Mode.
CS
Int. Osc
tCONV
Sleep
Shutdown
SCK (opt)
SDO/RDY
Hi-Z
Hi-Z
x24
CS
Int. Osc
tCONV
Shutdown
SCK (opt)
tCONV
tCONV
SDO/RDY
Hi-Z
x24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com