Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3551-E/MS Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP3551-E/MS
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3551-E/MS Datasheet(HTML) 1 Page - Microchip Technology

  MCP3551-E/MS Datasheet HTML 1Page - Microchip Technology MCP3551-E/MS Datasheet HTML 2Page - Microchip Technology MCP3551-E/MS Datasheet HTML 3Page - Microchip Technology MCP3551-E/MS Datasheet HTML 4Page - Microchip Technology MCP3551-E/MS Datasheet HTML 5Page - Microchip Technology MCP3551-E/MS Datasheet HTML 6Page - Microchip Technology MCP3551-E/MS Datasheet HTML 7Page - Microchip Technology MCP3551-E/MS Datasheet HTML 8Page - Microchip Technology MCP3551-E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
© 2009 Microchip Technology Inc.
DS21950E-page 1
MCP3550/1/3
Features
• 22-bit ADC in Small 8-pin MSOP Package with
Automatic Internal Offset and Gain Calibration
• Low-Output Noise of 2.5 µVRMS with Effective
Resolution of 21.9 bits (MCP3550/1)
• 3 µV Typical Offset Error
• 2 ppm Typical Full Scale Error
• 6 ppm Maximum INL Error
• Total Unadjusted Error Less Than 10 ppm
• No Digital Filter Settling Time, Single-Command
Conversions through 3-wire SPI Interface
• Ultra-Low Conversion Current (MCP3550/1):
- 100 µA typical (VDD = 2.7V)
- 120 µA typical (VDD = 5.0V)
• Differential Input with VSS to VDD Common Mode
Range
• 2.7V to 5.5V Single-Supply Operation
• Extended Temperature Range:
- -40°C to +125°C
Applications
• Weigh Scales
• Direct Temperature Measurement
• 6-digit DVMs
• Instrumentation
• Data Acquisition
• Strain Gauge Measurement
Block Diagram
Description
The Microchip Technology Inc. MCP3550/1/3 devices
are 2.7V to 5.5V low-power, 22-bit Delta-Sigma
Analog-to-Digital Converters
(ADCs). The devices offer
output noise as low as 2.5 µVRMS, with a total
unadjusted error of 10 ppm. The family exhibits 6 ppm
Integral Non-Linearity (INL) error, 3 µV offset error and
less than 2 ppm full scale error. The MCP3550/1/3
devices provide high accuracy and low noise
performance
for
applications
where
sensor
measurements (such as pressure, temperature and
humidity) are performed. With the internal oscillator
and high oversampling rate, minimal external
components
are
required
for
high-accuracy
applications.
This product line has fully differential analog inputs,
making it compatible with a wide variety of sensor,
industrial control or process control applications.
The MCP3550/1/3 devices operate from -40°C to
+125°C and are available in the space-saving 8-pin
MSOP and SOIC packages.
Package Types:
VSS
VIN+
VIN-
SCK
VDD
SDO
CS
Internal
VREF
POR
Oscillator
3rd-Order
DS ADC
Modulator
w/ Internal
Calibration
VDD
RDY
VIN–
VIN+
MCP3550/1/3
VSS
CS
SDO/RDY
1
2
3
4
8
7
6
5 SCK
VDD
VREF
MSOP, SOIC
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs


Similar Part No. - MCP3551-E/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP3551-E/MS MICROCHIP-MCP3551-E/MS Datasheet
616Kb / 30P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2005
MCP3551-E/MS MICROCHIP-MCP3551-E/MS Datasheet
583Kb / 30P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2007
MCP3551-E/MS MICROCHIP-MCP3551-E/MS Datasheet
885Kb / 36P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
More results

Similar Description - MCP3551-E/MS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415 Datasheet
669Kb / 36P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 0; 1/04
logo
Microchip Technology
MCP3551 MICROCHIP-MCP3551 Datasheet
616Kb / 30P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2005
MCP3550 MICROCHIP-MCP3550 Datasheet
583Kb / 30P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
2007
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
logo
Microchip Technology
MCP3550-50E-SN MICROCHIP-MCP3550-50E-SN Datasheet
885Kb / 36P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
MCP3551-ESN MICROCHIP-MCP3551-ESN Datasheet
885Kb / 36P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
MCP355XDV-MS1 MICROCHIP-MCP355XDV-MS1 Datasheet
885Kb / 36P
Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
03/26/09
logo
Analog Devices
AD7788 AD-AD7788_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
AD7789 AD-AD7789_15 Datasheet
382Kb / 20P
Low Power, 16-/24-Bit, Sigma-Delta ADCs
REV. B
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com