Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3551-E/MS Datasheet(PDF) 31 Page - Microchip Technology

Part # MCP3551-E/MS
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3551-E/MS Datasheet(HTML) 31 Page - Microchip Technology

Back Button MCP3551-E/MS Datasheet HTML 27Page - Microchip Technology MCP3551-E/MS Datasheet HTML 28Page - Microchip Technology MCP3551-E/MS Datasheet HTML 29Page - Microchip Technology MCP3551-E/MS Datasheet HTML 30Page - Microchip Technology MCP3551-E/MS Datasheet HTML 31Page - Microchip Technology MCP3551-E/MS Datasheet HTML 32Page - Microchip Technology MCP3551-E/MS Datasheet HTML 33Page - Microchip Technology MCP3551-E/MS Datasheet HTML 34Page - Microchip Technology MCP3551-E/MS Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
© 2009 Microchip Technology Inc.
DS21950E-page 31
MCP3550/1/3
APPENDIX A: REVISION HISTORY
Revision E (April 2009)
The following is the list of modifications:
1.
Numerous changes made throughout docu-
ment. Too numerous to itemize.
2.
DC Characteristics Table, Conversion Times:
Changed all minimums from -1.0% to -2.0%.
Changed typical for MCP3551 from 72.73 to
73.1. Changed all maximums from +1.0% to
+2.0%.
3.
Packaging Outline drawings updated..
Revision D (January 2007)
The following is the list of modifications:
• This update includes revisions to the packaging
diagrams.
Revision C (December 2005)
The following is the list of modifications:
• Added MCP3550-50, MCP3550-60 references
throughout this document.
Revision B (October 2005)
The following is the list of modifications:
• Changed LSb refefences to LSB.
Revision A (September 2005)
• Original Release of this Document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com