Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3551T-E/MS Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP3551T-E/MS
Description  Low-Power, Single-Channel 22-Bit Delta-Sigma ADCs
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3551T-E/MS Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP3551T-E/MS Datasheet HTML 17Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 18Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 19Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 20Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 21Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 22Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 23Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 24Page - Microchip Technology MCP3551T-E/MS Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
© 2009 Microchip Technology Inc.
DS21950E-page 21
MCP3550/1/3
5.0
SERIAL INTERFACE
5.1
Overview
Serial communication between the microcontroller and
the MCP3550/1/3 devices is achieved using CS, SCK
and SDO/RDY. There are two modes of operation:
Single Conversion and Continuous Conversion. CS
controls the conversion start. There are 24 bits in the
data word: 22 bits of conversion data and two overflow
bits. The conversion process takes place via the
internal oscillator and the status of this conversion
must
be
detected.
The
typical
method
of
communication is shown in Figure 5-1. The status of
the internal conversion is the SDO/RDY pin and is
available with CS low. A High state on SDO/RDY
means the device is busy converting, while a Low
state means the conversion is finished and data is
ready for transfer using SCK. SDO/RDY remains in a
high-impedance state when CS is held high. CS must
be low when clocking out the data using SCK and
SDO/RDY.
Bit 22 is Overflow High (OVH) when VIN > VREF – 1 LSB,
OVH toggles to logic ‘1’, detecting an overflow high in
the analog input voltage.
Bit 23 is Overflow Low (OVL) when VIN < -VREF, OVL
toggles to logic ‘1’, detecting an overflow low in the
analog input voltage. The state OVH = OVL = ‘1’ is not
defined and should be considered as an interrupt for
the SPI interface meaning erroneous communication.
Bit 21 to bit 0 represents the output code in 22-bit
binary two's complement. Bit 21 is the sign bit and is
logic ‘0’ when the differential analog input is positive
and logic ‘1’ when the differential analog input is
negative. From Bit 20 to bit 0, the output code is given
MSb first (MSb is bit 20 and LSB is Bit 0). When the
analog input value is comprised between -VREF and
VREF – 1 LSB, the two overflow bits are set to logic ‘0’.
The relationship between input voltage and output
code is shown in Figure 5-1.
The delta-sigma modulator saturation point for the
differential analog input is located at around ±112% of
VREF (at room temperature), meaning that the
modulator will still give accurate output codes with an
overrange of 12% below or above the reference
voltage. Unlike the usual 22-bit device, the 22-bit out-
put code will not lock at 0x1FFFFF for positive sign
inputs or 0x200000 for negative sign inputs in order to
take advantage of the overrange capabilities of the
device. This can be practical for closed-loop
operations, for instance. In case of an overflow, the
output code becomes a 23-bit two's complement output
code, where the sign bit will be the OVL bit. If an
overflow high or low is detected, OVL (bit 23) becomes
the sign bit (instead of bit 21), the MSb is then bit 21
and the converter can be used as a 23-bit two's
complement code converter, with output code from bits
B21 to B0, and OVL as the sign bit. Figure 5-1
summarizes the output coding data format with or
without overflow high and low.
FIGURE 5-1:
Typical Serial Device Communication and Example Digital Output Codes for Specific
Analog Input Voltages.
CS
SCK
D
O O
21 20 19 18 17
16
15 14 13 12 11 10 9
8
76 5 4 3 21
0
READY
H
L
R
HI-Z
SDO/RDY



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com